Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4927-1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4927-1
Description  Differential Amplifier Evaluation Board for Single
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1 Datasheet(HTML) 1 Page - Analog Devices

  ADA4927-1 Datasheet HTML 1Page - Analog Devices ADA4927-1 Datasheet HTML 2Page - Analog Devices ADA4927-1 Datasheet HTML 3Page - Analog Devices ADA4927-1 Datasheet HTML 4Page - Analog Devices ADA4927-1 Datasheet HTML 5Page - Analog Devices ADA4927-1 Datasheet HTML 6Page - Analog Devices ADA4927-1 Datasheet HTML 7Page - Analog Devices ADA4927-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-132
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Differential Amplifier Evaluation Board for Single
16-lead 3 mm × 3 mm LFCSP Packages
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
Flexible board layout
Accommodates the ADA492x-1 and ADA493x-1
family of differential amplifiers
Allows for various circuit configurations
Enables quick breadboarding/prototyping
Edge-mounted circuit configuration
Easy connection to test equipment and other circuits
RoHS compliant
GENERAL DESCRIPTION
The Analog Devices, Inc., differential driver evaluation board
makes it easy for designers to obtain quick performance results
for their particular differential driver application circuits. The
board layout is very flexible and allows for many circuit
configurations, including traditional four-resistor circuits,
circuits with two different feedback loops, circuits with input
and output transformers, filters, and many others. Most resistors
and capacitors use 0603 and 0508 packages.
The evaluation board part number labeling does not contain
any specific differential amplifier part number information
because this is a universal evaluation board and can be used
with any Analog Devices differential amplifier in a 16-lead,
3 mm × 3 mm LFCSP with a dedicated feedback pin.
The board accommodates the ADA492x-1 and ADA493x-1
family of differential amplifiers. The data sheets for these
devices should be consulted in conjunction with this evaluation
board user guide.
Figure 1. Component Side (LFCSP)
Figure 2. Circuit Side (LFCSP)


Similar Part No. - ADA4927-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1YCPZ-R2 AD-ADA4927-1YCPZ-R2 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1YCPZ-R2 AD-ADA4927-1YCPZ-R2 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
ADA4927-1YCPZ-R7 AD-ADA4927-1YCPZ-R7 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1YCPZ-R7 AD-ADA4927-1YCPZ-R7 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results

Similar Description - ADA4927-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-190 AD-UG-190 Datasheet
331Kb / 8P
   Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
   High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
UG-422 AD-UG-422 Datasheet
256Kb / 8P
   AD8476 Differential Amplifier Evaluation Board for 8-Lead MSOP Package
REV. 0
EVAL_ADDIFFAMP AD-EVAL_ADDIFFAMP_15 Datasheet
110Kb / 4P
   Differential Driver Evaluation Board
logo
Zetex Semiconductors
ZXFV202N8EV ZETEX-ZXFV202N8EV Datasheet
56Kb / 2P
   SINGLE CHANNEL VIDEO AMPLIFIER EVALUATION BOARD
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
   Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com