Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54562FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54562FP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54562FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54562FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54562FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54562FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54562FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54562FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54562FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
<TRANSISTOR ARRAY>
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
SOURCE TYPE
M54562FP
4
2012.May
Input Characteristics
Input voltage VI (V)
Input Characteristics
Input voltage VI (V)
01
2
4
5
0
0.2
0.6
0.8
3
0.4
Ta=25℃
Ta=75℃
Ta=-20℃
0
5
10
20
25
0
1
3
4
15
2
Ta=25℃
Ta=75℃
Ta=-20℃
VS=20V
VS=20V
1.0
5


Similar Part No. - M54562FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54562FP MITSUBISHI-M54562FP Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54562FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63840KP MITSUBISHI-M63840KP Datasheet
276Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54563P MITSUBISHI-M54563P Datasheet
95Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563FP MITSUBISHI-M54563FP Datasheet
275Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840P MITSUBISHI-M63840P Datasheet
1Mb / 7P
   8-Unit 500mA Source Type Darlington Transistor-Array With Clamp Diode
M54562WP MITSUBISHI-M54562WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563P MITSUBISHI-M54563P_12 Datasheet
103Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563WP MITSUBISHI-M54563WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com