Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54522FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54522FP
Description  8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SINK TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54522FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54522FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54522FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54522FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54522FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54522FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54522FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1
<TRANSISTOR ARRAY>
M54522FP
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
SINK TYPE
2012.May
PIN CONFIGURATION
DESCRIPTION
M54522FP is an eight-circuit Darlington transistor arrays with
clamping diodes. The circuits are made of NPN transistors.
Both the semiconductor integrated circuits perform high-current
driving with extremely low input-current supply.
FEATURES
● High breakdown voltage (BVCEO > 40V)
● High-current driving (Ic(max) = 400mA)
● With clamping diodes
● Driving available with PMOS IC output
APPLICATIONS
Drives of relays and printers, digit drives of indication elements
(LEDs and lamps), and interfaces between microcomputer
output and high-current or high-voltage systems
FUNCTION
The M54522FP each have eight circuits consisting of NPN
Darlington transistors. This ICs have resistance of 20k
Ω
between input transistor bases and input pins.
A spike-killer clamping diode is provided between each output
pin (collector) and COM pin. The output transistor emitters
are all connected to the GND pin (pin 10).
The collector current is 400mA maximum. Collector-emitter
supply voltage is 40V maximum.
Package type
20P2N-A
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
→O2
→O3
→O4
→O5
→O6
→O7
→O8
IN2→
IN3→
IN4→
IN5→
IN6→
IN7→
IN8→
GND
COM COMMON
OUTPUT
INPUT
CIRCUIT DIAGRAM
COM
OUTPUT
INPUT
20K
20K
2K
GND
The eight circuits share the COM and GND.
–55 ~ +125
Storage temperature
Tstg
–20 ~ +75
Operating temperature
Topr
W
1.10
Ta = 25℃, when mounted on board
Power dissipation
Pd
V
40
Clamping diode reverse voltage
VR
mA
400
Clamping diode forward current
IF
V
–0.5 ~ +40
Input voltage
VI
mA
400
Current per circuit output, L
Output current
IC
V
–0.5 ~ +40
Output , H
Collector-emitter voltage
VCEO
Unit
Ratings
Conditions
Parameter
Symbol
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75℃)
2
19 →O1
IN1→
1
20
NC
NC
NC : No connection
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
Unit :
Ω


Similar Part No. - M54522FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54522FP MITSUBISHI-M54522FP Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522FP MITSUBISHI-M54522FP Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54522FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P_11 Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522WP MITSUBISHI-M54522WP Datasheet
230Kb / 5P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583FP MITSUBISHI-M54583FP Datasheet
315Kb / 6P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY SINK TYPE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
   8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com