Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1200HG-90R Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM1200HG-90R
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1200HG-90R Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM1200HG-90R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM1200HG-90R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
< HVIGBT MODULES >
CM1200HG-90R
HIGH POWER SWITCHING USE
INSULATED TYPE
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
June 2011
3
ELECTRICAL CHARACTERISTICS (continuation)
Limits
Symbol
Item
Conditions
Min
Typ
Max
Unit
Tj = 25°C
2.60
VEC
Emitter-collector voltage
(Note 2)
IE = 1200 A
(Note 4)
VGE = 0 V
Tj = 125°C
2.80
3.40
V
Tj = 25°C
0.70
trr
Reverse recovery time
(Note 2)
Tj = 125°C
0.90
μs
Tj = 25°C
1200
Irr
Reverse recovery current
(Note 2)
Tj = 125°C
1300
A
Tj = 25°C
1100
Qrr
Reverse recovery charge
(Note 2)
Tj = 125°C
1700
μC
Tj = 25°C
1.40
Erec(10%)
Reverse recovery energy
(Note 2)
(Note 5)
Tj = 125°C
2.25
J
Tj = 25°C
1.60
Erec
Reverse recovery energy
(Note 2)
(Note 6)
VCC = 2800 V
IC = 1200 A
VGE = ±15 V
RG(on) = 2.7 Ω
Ls = 150 nH
Inductive load
Tj = 125°C
2.50
J
THERMAL CHARACTERISTICS
Limits
Symbol
Item
Conditions
Min
Typ
Max
Unit
Rth(j-c)Q
Junction to Case, IGBT part
10.5
K/kW
Rth(j-c)D
Thermal resistance
Junction to Case, FWDi part
19.5
K/kW
Rth(c-s)
Contact thermal resistance
Case to heat sink,
λgrease = 1W/m
·k, D
(c-s) = 100μm
6.0
K/kW
MECHANICAL CHARACTERISTICS
Limits
Symbol
Item
Conditions
Min
Typ
Max
Unit
Mt
M : Main terminals screw
7.0
22.0
N·m
Ms
M : Mounting screw
3.0
6.0
N·m
Mt
Mounting torque
M : Auxiliary terminals screw
1.0
3.0
N·m
m
Mass
1.4
kg
CTI
Comparative tracking index
600
da
Clearance
26.0
mm
ds
Creepage distance
56.0
mm
LP CE
Parasitic stray inductance
15.0
nH
RCC’+EE’
Internal lead resistance
Tc = 25°C
0.18
M
Ω
rg
Internal gate resistance
Tc = 25°C
1.7
Ω
Note1. Pulse width and repetition rate should be such that junction temperature (Tj) does not exceed Topmax rating.
2. The symbols represent characteristics of the anti-parallel, emitter to collector free-wheel diode (FWDi).
3. Junction temperature (Tj) should not exceed Tjmax rating (150°C).
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Eon(10%) / Eoff(10%) / Erec(10%) are the integral of 0.1VCE x 0.1IC x dt.
6. Definition of all items is according to IEC 60747, unless otherwise specified.


Similar Part No. - CM1200HG-90R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200HG-90R MITSUBISHI-CM1200HG-90R Datasheet
746Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1200HG-90R MITSUBISHI-CM1200HG-90R_13 Datasheet
746Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1200HG-90R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com