Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM800DZB-34N Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM800DZB-34N
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM800DZB-34N Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM800DZB-34N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM800DZB-34N Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Sep. 2009
5
MITSUBISHI HVIGBT MODULES
CM800DZB-34N
HIGH POWER SWITCHING USE
INSULATED TYPE
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
0
0.2
0.4
0.6
0.8
1.0
1.2
0
400
800
1200
1600
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
05
10
15
02468
10
12
14
100
10-1
23
5 7
101
102
23
5 7
23
5 7
CAPACITANCE CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE (V)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE (
µC)
COLLECTOR CURRENT (A)
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS
(TYPICAL)
-15
-10
-5
0
5
10
15
20
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS
(TYPICAL)
GATE RESISTANCE (
Ω)
VCC = 900V, IC = 800A
VGE =
±15V, Tj = 125°C
Inductive load
102
103
101
100
2
3
5
7
2
3
5
7
2
3
5
7
VCE = 900V, IC = 800A
Tj = 25
°C
Erec
Eoff
Cies
Coes
Cres
VCC = 900V, VGE =
±15V
RG (on) = 1.6
Ω, RG (off) = 3.9Ω
Tj = 125
°C, Inductive load
Eon
VGE = 0V, Tj = 25
°C
f = 100kHz
Erec
Eoff
Eon


Similar Part No. - CM800DZB-34N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM800DZ-34H POWEREX-CM800DZ-34H Datasheet
64Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Mitsubishi Electric Sem...
CM800DZ-34H MITSUBISHI-CM800DZ-34H Datasheet
63Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM800DZB-34N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com