Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4962 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4962_10 Datasheet HTML 1Page - STMicroelectronics TS4962_10 Datasheet HTML 2Page - STMicroelectronics TS4962_10 Datasheet HTML 3Page - STMicroelectronics TS4962_10 Datasheet HTML 4Page - STMicroelectronics TS4962_10 Datasheet HTML 5Page - STMicroelectronics TS4962_10 Datasheet HTML 6Page - STMicroelectronics TS4962_10 Datasheet HTML 7Page - STMicroelectronics TS4962_10 Datasheet HTML 8Page - STMicroelectronics TS4962_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TS4962
Application overview
Doc ID 10968 Rev 8
5/44
2
Application overview
Table 4.
External component information
Component
Functional description
CS
Bypass supply capacitor. Install as close as possible to the TS4962 to
minimize high-frequency ripple. A 100 nF ceramic capacitor should be added
to enhance the power supply filtering at high frequencies.
Rin
Input resistor used to program the TS4962’s differential gain
(gain = 300 k
Ω/Rin with Rin in kΩ).
Input capacitor
Because of common-mode feedback, these input capacitors are optional.
However, they can be added to form with Rin a 1st order high-pass filter with
-3 dB cut-off frequency = 1/(2*
π*R
in*Cin).
Table 5.
Pin description
Pin number
Pin name
Description
1
STBY
Standby input pin (active low)
2
NC
No internal connection pin
3
IN+
Positive input pin
4
IN-
Negative input pin
5
OUT+
Positive output pin
6
VCC
Power supply input pin
7
GND
Ground input pin
8
OUT-
Negative output pin
Exposed pad
Exposed pad can be connected to ground (pin 7) or left
floating


Similar Part No. - TS4962_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
   3W Filter - free Class D Audio Power Amplifier
More results

Similar Description - TS4962_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com