Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4621ML Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4621ML
Description  High-performance class-G stereo headphone amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621ML Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4621ML Datasheet HTML 3Page - STMicroelectronics TS4621ML Datasheet HTML 4Page - STMicroelectronics TS4621ML Datasheet HTML 5Page - STMicroelectronics TS4621ML Datasheet HTML 6Page - STMicroelectronics TS4621ML Datasheet HTML 7Page - STMicroelectronics TS4621ML Datasheet HTML 8Page - STMicroelectronics TS4621ML Datasheet HTML 9Page - STMicroelectronics TS4621ML Datasheet HTML 10Page - STMicroelectronics TS4621ML Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TS4621ML
Typical application schematic
Doc ID 023181 Rev 1
7/40
2
Typical application schematic
Figure 1.
Typical application schematic for the TS4621ML
Table 3.
TS4621ML pin description
Pin number
Pin name
Pin definition
A1
SW
Switching node of the buck converter
A2
AVDD
Analog supply voltage, connect to battery
A3
VOUTL
Output signal for left audio channel
A4
INL-
Negative input signal for left audio channel
B1
AGND
Device ground
B2
C1
Flying capacitor terminal for internal negative supply generator
B3
HPVDD
Buck converter output, power supply for amplifier
B4
INL+
Positive input signal for left audio channel
C1
C2
Flying capacitor terminal for internal negative supply generator
C2
PVSS
Negative supply generator output
C3
CMS
Common-mode sense, to be connected as close as possible to the
ground of headphone/line out plug
C4
INR+
Positive input signal for right audio channel
D1
EN
Amplifier enable
D2
GAIN
Amplifier gain select
D3
VOUTR
Output signal for right audio channel
D4
INR-
Negative input signal for right audio channel
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 uF
Cin
1 uF
Cin
1 uF
Cin
1 uF
1
2
3
J1
C12
2.2 uF
Cs
2.2 uF
Css
2.2 uF
Ct
10 uF
L1
3.3 uH
Vbat
+
-
Negative
supply
Positive
supply
AGnd
C1
C2
EN
GAIN
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Negative left input
Positive left input
Negative right input
Positive right input
AM06119
Interface


Similar Part No. - TS4621ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621BEIJT STMICROELECTRONICS-TS4621BEIJT Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621EIJT STMICROELECTRONICS-TS4621EIJT Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
More results

Similar Description - TS4621ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Shenzhen Huazhimei Semi...
HM4410T HMSEMI-HM4410T Datasheet
3Mb / 14P
   130mW non-output capacito stereo class G headphone amplifier
logo
Maxim Integrated Produc...
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Wolfson Microelectronic...
WM9010 WOLFSON-WM9010 Datasheet
278Kb / 12P
   Low Power, Class G Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com