Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7570 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7570 Datasheet HTML 2Page - STMicroelectronics TDA7570 Datasheet HTML 3Page - STMicroelectronics TDA7570 Datasheet HTML 4Page - STMicroelectronics TDA7570 Datasheet HTML 5Page - STMicroelectronics TDA7570 Datasheet HTML 6Page - STMicroelectronics TDA7570 Datasheet HTML 7Page - STMicroelectronics TDA7570 Datasheet HTML 8Page - STMicroelectronics TDA7570 Datasheet HTML 9Page - STMicroelectronics TDA7570 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Pin description
TDA7570
6/17
45
IN L-
Left channel negative input
-3V
3V
46
IN L+
Left channel positive input
-3V
3V
47
N.C.
Not connected
48
N.C.
Not connected
49
IN R+
Right channel positive input
-3V
3V
50
IN R-
Right channel negative input
-3V
3V
51
N.C.
Not connected
52
-2.5V
Signal -2.5V supply output
-2.75V
53
sgnd
Signal ground
0 (ref)
54
+2.5V
Signal 2.5V supply output
2.75V
55
MUTE
Mute input
5.5V
56
ST-BY
Stand by input
6V
57
Feed R in
Feedback network right channel
-5
5V
58
-Vs
Negative voltage supply
-30V
59
-Vs
Negative voltage supply
-30V
60
-Vs+Vrefr
Supply drivers NMOS. Right channel
-30V
-Vs+12V
61
Snr1
Sensing 2 NMOS, right channel
-30V
62
Snr2
Sensing 1 NMOS, right channel
-30V
63
Gnrs
Sense gate NMOS, right channel
-30V
-Vs+12V
64
Gnr
Gate NMOS, right channel
-30V
-Vs+12V
Table 2.
Pins description (continued)
Pin
number
Name
Function
Voltage limit
(low)
Voltage limit
(high)


Similar Part No. - TDA7570

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7571 STMICROELECTRONICS-TDA7571 Datasheet
394Kb / 21P
   STPDACsw - Fully digital high efficiency power audio amplifier
TDA7572 STMICROELECTRONICS-TDA7572 Datasheet
1Mb / 64P
   200W mono bridge PWM amplifier with built-in step-up converter
TDA7575 STMICROELECTRONICS-TDA7575 Datasheet
193Kb / 17P
   MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
   2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
521Kb / 32P
   2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
More results

Similar Description - TDA7570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC-20N16 ETC-EC-20N16 Datasheet
225Kb / 3P
   HIGH POWER 250W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
   HIGH EFFICIENCY AUDIO PWM DRIVER
September 1988
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
   10W High-Efficiency Mono BTL Audio Power Amplifier
logo
STMicroelectronics
TDA7571 STMICROELECTRONICS-TDA7571 Datasheet
394Kb / 21P
   STPDACsw - Fully digital high efficiency power audio amplifier
logo
National Semiconductor ...
LM4668 NSC-LM4668 Datasheet
472Kb / 14P
   10W High-Efficiency Mono BTL Audio Power Amplifier
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
International Rectifier
IRAUDAMP6 IRF-IRAUDAMP6_15 Datasheet
3Mb / 46P
   250W/8 x 2 Channel Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com