Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1045N Datasheet(PDF) 7 Page - Sony Corporation

Part # CXG1045N
Description  GSM900/1800/1900 SPDT TX/RX Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1045N Datasheet(HTML) 7 Page - Sony Corporation

  CXG1045N Datasheet HTML 1Page - Sony Corporation CXG1045N Datasheet HTML 2Page - Sony Corporation CXG1045N Datasheet HTML 3Page - Sony Corporation CXG1045N Datasheet HTML 4Page - Sony Corporation CXG1045N Datasheet HTML 5Page - Sony Corporation CXG1045N Datasheet HTML 6Page - Sony Corporation CXG1045N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
0.22 – 0.07
0.5
5
1.2MAX
∗2.8 ± 0.1
10
6
0.1 – 0.05
+ 0.15
0° to 10°
1
A
(0.2)
0.22 – 0.07
+ 0.08
DETAIL A
0.02g
TSSOP-10P-L01
10PIN TSSOP(PLASTIC)
0.1
0.1
M
NOTE: Dimension “
∗” does not include mold protrusion.
0.25
+ 0.08
– 7 –
CXG1028ATN


Similar Part No. - CXG1045N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1045N SONY-CXG1045N Datasheet
64Kb / 5P
   High Power DPDT Switch for GSM
More results

Similar Description - CXG1045N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
100Kb / 7P
   GSM1800/1900 DPDT TX/RX Antenna Switch
logo
TDK Electronics
HHM1515B2 TDK-HHM1515B2 Datasheet
164Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx Rx
HHM1776B3 TDK-HHM1776B3 Datasheet
86Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx & Rx
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
   GaAs IC DCS 1800/1900 Power Amplifier
logo
Infineon Technologies A...
BGM704N7 INFINEON-BGM704N7 Datasheet
1Mb / 31P
   FM Radio LNA with Integrated RX/TX Switch
Revision 2.1, 2010-10-19
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
   Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
Skyworks Solutions Inc.
SKY13547-490LF SKYWORKS-SKY13547-490LF Datasheet
177Kb / 2P
   5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com