Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7292 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 3Page - STMicroelectronics TDA7292 Datasheet HTML 4Page - STMicroelectronics TDA7292 Datasheet HTML 5Page - STMicroelectronics TDA7292 Datasheet HTML 6Page - STMicroelectronics TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics TDA7292 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TDA7292
Electrical specifications
Doc ID 15775 Rev 5
7/22
CT
Crosstalk
f = 1 kHz
-
70
-
dB
SR
Slew rate
-
-
11
-
V/ms
GOL
Open-loop gain
-
-
80
-
dB
eN
Total input noise
f = 20 Hz to 22 kHz
-
4
-
µV
Ri
Input resistance
-
-
20
-
k
Ω
SVRR
Supply voltage rejection ratio
-
-
75
-
dB
Tj
Junction temperature at thermal
shut-down
-
-
145
-
°C
Mute mode (see also Table 5 on page 13)
VTMUTE
Mute/play threshold
-
-7
-6
-5
V
AMUTE
Mute attenuation
-
-
75
-
dB
Standby mode (see also Table 5 on page 13)
VTSTBY
Standby/mute threshold
-
-3.5
-2.5
-1.5
V
ASTBY
Standby attenuation
-
-
110
-
dB
Iq_STBY
Quiescent current in standby
-
-
8
-
mA
Table 4.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - TDA7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293SCHEMATIC STMICROELECTRONICS-TDA7293SCHEMATIC Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293V STMICROELECTRONICS-TDA7293V Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results

Similar Description - TDA7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Sanyo Semicon Device
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
   Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com