Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA540SAN Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 5 Page - STMicroelectronics

  STA540SAN Datasheet HTML 1Page - STMicroelectronics STA540SAN Datasheet HTML 2Page - STMicroelectronics STA540SAN Datasheet HTML 3Page - STMicroelectronics STA540SAN Datasheet HTML 4Page - STMicroelectronics STA540SAN Datasheet HTML 5Page - STMicroelectronics STA540SAN Datasheet HTML 6Page - STMicroelectronics STA540SAN Datasheet HTML 7Page - STMicroelectronics STA540SAN Datasheet HTML 8Page - STMicroelectronics STA540SAN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STA540SAN
Pin description
Doc ID 18306 Rev 1
5/26
2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin
Name
Type
Function
1
OUT1
OUTPUT
Channel 1 output
2
OUT2
OUTPUT
Channel 2 output
3
VCC1
POWER
Power supply
4
IN1
INPUT
Channel 1 input
5
IN2
INPUT
Channel 2 input
6
SVR
INPUT
Supply voltage rejection
7
ST_BY
INPUT
Standby control pin
8
P_GND
POWER
Power ground
9
S_GND
POWER
Signal ground
10
DIAG
OUTPUT
Diagnostics
11
IN4
INPUT
Channel 4 input
12
IN3
INPUT
Channel 3 input
13
VCC2
POWER
Power supply
14
OUT4
OUTPUT
Channel 4 output
15
OUT3
OUTPUT
Channel 3 output
1
2
3
4
5
6
7
9
10
11
8
IN4
DIAG
S_GND
P_GND
ST_BY
SVR
IN2
IN1
VCC1
OUT2
OUT1
13
14
15
12
OUT3
OUT4
VCC2
IN3
clp15_pins_540san_bc


Similar Part No. - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
   4 x 10-watt dual/quad power amplifier
December 2010
More results

Similar Description - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
   4 x 10-watt dual/quad power amplifier
December 2010
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
   4 x 47W MOSFET quad bridge power amplifier
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com