Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA529 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 5Page - STMicroelectronics STA529_12 Datasheet HTML 6Page - STMicroelectronics STA529_12 Datasheet HTML 7Page - STMicroelectronics STA529_12 Datasheet HTML 8Page - STMicroelectronics STA529_12 Datasheet HTML 9Page - STMicroelectronics STA529_12 Datasheet HTML 10Page - STMicroelectronics STA529_12 Datasheet HTML 11Page - STMicroelectronics STA529_12 Datasheet HTML 12Page - STMicroelectronics STA529_12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
STA529
Connection diagrams and pin descriptions
Doc ID 13095 Rev 3
9/57
B5
OUT1B
Analog output
Channel 1 half-bridge B output
B6
OUT1A
Analog output
Channel 1 half-bridge A output
B7
MUTE
Digital input
Mute (active high)
B8
GND
Ground
Digital ground
C1
VDDIO
Supply
I/O ring supply
C2
VCC33
Supply
Pre-driver supply
C7
CLKOUT /
PWM2B
Digital output
Buffered clock output / PWM2B FFX
C8
VDD
Supply
Digital supply
D1
XTI
Digital input
1.8V
Crystal input or master clock input
D2
XTO
Digital output
1.8V
Crystal output
D7
RST_N
Digital input
Reset (active low)
D8
VCM
Analog I/O
ADC common mode voltage
E1
MCLK33
Digital input
Master clock input 3.3-V capable
E2
SDATAI
Digital input
Input serial audio interface data
E7
VLO
Analog input
ADC low reference voltage
E8
AGND
Ground
ADC analog ground
F1
SCL
Digital input
I2C serial clock
F2
POWERFAULT /
EAPD
Digital output
Power fault signal (active high) /
external audio power-down signal
F7
VHI
Analog input
ADC high reference voltage
F8
AVDD
Supply
ADC analog supply
G1
SDA
Digital I/O
I2C serial data
G2
I2CDIS
Digital input
I2C disable pin (active high)
G3
SELCLK33
Digital input
Master clock input selector:
0: XTI selected
1: MCLK33 selected
G4
SDATAO /
PWM2A
Digital output
Output serial audio interface data / PWM2A FFX
G5
LRCLKO /
PWM1B
Digital I/O
Output serial audio interface L/R-clock
(volume increases when I2CDIS = 1) / PWM1B FFX
G6
BICLKO /
PWM1A
Digital I/O
Output serial audio interface bit-clock
(volume decreases when I2CDIS = 1) / PWM1A FFX
G7
VBIAS
Analog I/O
ADC microphone bias voltage
G8
STBY
Digital input
Standby (active high)
H1
FILT
Analog I/O
PLL loop filter terminal
Table 2.
Pin description for TFBGA48 (continued)
Pin
Name
Type
Description


Similar Part No. - STA529_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529B STMICROELECTRONICS-STA529B Datasheet
84Kb / 4P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529B STMICROELECTRONICS-STA529B Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529Q STMICROELECTRONICS-STA529Q Datasheet
84Kb / 4P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529Q STMICROELECTRONICS-STA529Q Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
More results

Similar Description - STA529_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
   2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
logo
NXP Semiconductors
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
logo
Texas Instruments
TAS5755M TI1-TAS5755M Datasheet
1Mb / 76P
[Old version datasheet]   2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com