Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S025TS-1FG144Y Datasheet(PDF) 98 Page - Microsemi Corporation

Part # M2S025TS-1FG144Y
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025TS-1FG144Y Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button M2S025TS-1FG144Y Datasheet HTML 94Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 95Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 96Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 97Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 98Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 99Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 100Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 101Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 156 page
background image
SmartFusion2 DC and Switching Characteristics
2- 80
R e visio n 0
ADVANCE INFORMATION (Subject to Change)
On-Chip Oscillators
Table 2-82 through Table 2-84 on page 2-81 describe the electrical characteristics of the available
on-chip oscillators in SmartFusion2 devices.
Table 2-82 • Electrical Characteristics of the Crystal Oscillator
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Notes
FXTAL
Operating frequency
32
kHz
ACCXTAL
Accuracy
Temperature: 0°C to 85°C
TBD
TBD
TBD
%
CYCXTAL
Output duty cycle
TBD
TBD
TBD
%
JITXTAL
Output jitter
Period jitter
TBD
TBD
TBD
ps RMS
Cycle-to-Cyle jitter
TBD
TBD
TBD
ps
IDYNXTAL
Operating current
TBD
TBD
TBD
mA
ISTBXTAL
Standby current of crystal
oscillator
TBD
TBD
TBD
µA
PSRRXTAL Power supply noise
tolerance
TBD
TBD
TBD
Vp-p
ENXTAL
Enable Time
TBD
TBD
TBD
µs
VIHXTAL
Input logic level High
TBD
TBD
TBD
V
VILXTAL
Input logic level Low
TBD
TBD
TBD
V
SUXTAL
Startup time
Test load used:
TBD
TBD
TBD
µs
Table 2-83 • Electrical Characteristics of the 25/50 MHz RC Oscillator
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Notes
F25_50RC
Operating frequency
25/50
MHz
ACC25_50RC
Accuracy
Temperature: 0°C to 85°C
TBD
TBD
TBD
%
CYC25_50RC
Output duty cycle
TBD
TBD
TBD
%
JIT25_50RC
Output jitter
Period Jitter
TBD
TBD
TBD
ps RMS
Cycle-to-Cyle Jitter
TBD
TBD
TBD
ps
IDYN25_50RC
Operating current
TBD
TBD
TBD
mA
ISTB25_50RC
Standby
current
of
crystal oscillator
TBD
TBD
TBD
µA
PSRR25_50RC Power
supply
noise
tolerance
TBD
TBD
TBD
Vp-p
VIH25_50RC
Input logic level High
TBD
TBD
TBD
V
VIL25_50RC
Input logic level Low
TBD
TBD
TBD
V
SU25_50RC
Startup time
Test load used:
TBD
TBD
TBD
µs


Similar Part No. - M2S025TS-1FG144Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S025 MICROSEMI-M2S025 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S025TS-1FG144Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com