Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S025TS-1FG144Y Datasheet(PDF) 39 Page - Microsemi Corporation

Part # M2S025TS-1FG144Y
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025TS-1FG144Y Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button M2S025TS-1FG144Y Datasheet HTML 35Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 36Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 37Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 38Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 39Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 40Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 41Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 42Page - Microsemi Corporation M2S025TS-1FG144Y Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
R e visio n 0
2 - 21
ADVANCE INFORMATION (Subject to Change)
Table 2-16 • I/O Weak Pull-Up/Pull-Down Resistances for MSIOD I/O Bank
Minimum and Maximum Weak Pull-Up/Pull-Down Resistance Values at VOH/VOL
Level
VDDI
Domain
R(WEAK PULL-UP) at VOH (
Ω) R(WEAK PULL-DOWN) at VOL (Ω)
Notes
Min.
Max.
Min.
Max.
3.3 V
N/A
N/A
N/A
N/A
2.5 V
9.6 K
14.1 K
9.5 K
13.9 K
1, 2
1.8 V
9.7 K
14.7 K
9.7 K
14.5 K
1, 2
1.5 V
9.9 K
15.3 K
9.8 K
15 K
1, 2
1.2 V
10.3 K
16.7 K
10 K
16.2 K
1, 2
Notes:
1. R(WEAK PULL-DOWN) = (VOLspec)/I(WEAK PULL-DOWN MAX)
2. R(WEAK PULL-UP) = (VDDImax - VOHspec)/I(WEAK PULL-UP MIN)
Table 2-17 • Schmitt Trigger Input Hysteresis
Hysteresis Voltage Value for Schmitt Trigger Mode Input Buffers
Input Buffer Configuration
Hysteresis Value (typical, unless otherwise noted)
3.3 V LVTTL / LVCMOS / PCI / PCI-X
0.05 × VDDI (worst-case)
2.5 V LVCMOS
0.05 × VDDI (worst-case)
1.8 V LVCMOS
0.1 × VDDI (worst-case)
1.5 V LVCMOS
60 mV
1.2 V LVCMOS
20 mV


Similar Part No. - M2S025TS-1FG144Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S025 MICROSEMI-M2S025 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S025TS-1FG144Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com