Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5956 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5956
Description  Multifunction voltage regulator for car radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5956_11 Datasheet HTML 3Page - STMicroelectronics L5956_11 Datasheet HTML 4Page - STMicroelectronics L5956_11 Datasheet HTML 5Page - STMicroelectronics L5956_11 Datasheet HTML 6Page - STMicroelectronics L5956_11 Datasheet HTML 7Page - STMicroelectronics L5956_11 Datasheet HTML 8Page - STMicroelectronics L5956_11 Datasheet HTML 9Page - STMicroelectronics L5956_11 Datasheet HTML 10Page - STMicroelectronics L5956_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L5956
Electrical specifications
Doc ID 13852 Rev 3
7/17
Load dump
Vin1
Battery overvoltage
Vin1
18
20
22
V
Load dump
Vin2
Battery overvoltage
Vin2
18
20
22
V
REGULATOR 1
Vo (REG 1)
Output voltage 8.5 V
-
8
8.5
9
V
ΔV
Line regulation
Vin1 = 10 to 18 V; I = 500 mA
-
-
50
mV
ΔV
Line regulation
Vin1 = 9.3 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg1 = 1 to 500 mA
-
-
100
mV
Iq
Quiescent current
Ireg1 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 500 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg1 = 500 mA
(2)
--
0.6
V
Im
Current limit
Rshort = 0.5 Ω
0.6
-
1.2
A
REGULATOR 2
Vo (ST BY)
Output voltage 5 V
-
4.75
5
5.25
V
ΔV
Line regulation
Vin1 = 7 to 18 V; I = 300 mA
-
-
50
mV
ΔV
Line regulation
Vin1 = 6 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg2 = 1 to 300 mA
-
-
100
mV
Iq
Quiescent current
Ireg2 = 10 mA
-
-
3
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 300 mA
50
-
dB
Vdrop
Drop out voltage
Ireg2 = 300 mA
(2)
--
1.5
V
Vdrop
Drop out voltage
Ireg2 = 100 mA
(2)
--
0.6
V
Im
Current limit
Rshort = 0.5 Ω
400
-
800
mA
REGULATOR 3
Vo (REG 3)
Output voltage 5V
-
4.75
5
5.25
V
ΔV
Line regulation
Vin2 = 7 to 18 V; I = 800 mA
-
-
50
mV
ΔV
Line regulation
Vin2 = 6 to 18 V; I = 10 mA
-
-
50
mV
ΔVi
Load regulation
Ireg3 = 1 to 800 mA
-
-
100
mV
Iq
Quiescent current
Ireg3 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 800 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg3 = 800 mA
(2)
--
1.5
V
Im
Current limit
Rshort = 0.5 Ω
1-2
A
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Similar Part No. - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5956PD STMICROELECTRONICS-L5956PD Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5956PDTR STMICROELECTRONICS-L5956PDTR Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
More results

Similar Description - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
   Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
   Multifunction voltage regulator for car radio
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
   Multifunction voltage regulator for car radio
July 2010 Rev 1
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
   QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com