Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM150DX-24S Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # CM150DX-24S
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DX-24S Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  CM150DX-24S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM150DX-24S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MITSUBISHI IGBT MODULES
CM150DX-24S
HIGH POWER SWITCHING USE
INSULATED TYPE
7
Feb. 2011
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
VCC=600 V, VGE=±15 V, RG=0 Ω, INDUCTIVE LOAD
---------------: Tj=150 °C, - - - - -: Tj=125 °C
VCC=600 V, IC=150 A, VGE=±15 V, INDUCTIVE LOAD
---------------: Tj=150 °C, - - - - -: Tj=125 °C
10
100
1000
10
100
1000
10
100
1000
1
10
100
COLLECTOR CURRENT IC (A)
EXTERNAL GATE RESISTANCE RG (Ω)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
VCC=600 V, VGE=±15 V, RG=0 Ω,
INDUCTIVE LOAD, PER PULSE
---------------: Tj=150 °C, - - - - -: Tj=125 °C
VCC=600 V, IC/IE=150 A, VGE=±15 V,
INDUCTIVE LOAD, PER PULSE
---------------: Tj=150 °C, - - - - -: Tj=125 °C
1
10
100
10
100
1000
1
10
100
0.1
1
10
100
COLLECTOR CURRENT IC (A)
EMITTER CURRENT IE (A)
EXTERNAL GATE RESISTANCE RG (Ω)
td(on)
t r
t f
td(off)
Eon
Eoff
Err
Eon
Eoff
Err
td(off)
t r
t f
td(on)


Similar Part No. - CM150DX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DX-24S POWEREX-CM150DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 150 Amperes/1200 Volts
More results

Similar Description - CM150DX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com