Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42540-03 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # EK42540-03
Description  UltraCMOS SP4T RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK42540-03 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  EK42540-03 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK42540-03 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0299-09
|
www.psemi.com
PE42540
Page 5 of 12
Product Specification
VDD
VssEXT
Minimum Peak
Voltage at RF Port
Maximum Peak
Voltage at RF Port
≥3.0
0.0
-0.2
1.2
3.0
-3.0
-0.6
1.6
3.3
-3.3
-0.3
1.3
3.5
-3.5
-0.1
1.1
3.6
-3.6
0.0
1.0
Low Frequency Operation
Table 6 shows the minimum and maximum
voltage limits when operating the device under
various VDD and VssEXT voltage conditions below
9 kHz. Refer to Figures 4, 5, and 6 to determine
the maximum operating power over the frequency
range of the device.
Maximum Operating Power vs. Frequency
Figures 4, 5, and 6 show the power limit of the
device will increase with frequency. As the
frequency increases, the contours and maximum
power limit will increase as shown in the curves.
Table 6. Instantaneous RF Pin Voltage Limits
for Operation Below 9 kHz


Similar Part No. - EK42540-03

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42542-02 PSEMI-EK42542-02 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
EK42543-02 PSEMI-EK42543-02 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
EK42545-01 PSEMI-EK42545-01 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
EK42545-88 PSEMI-EK42545-88 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
EK42546-88 PSEMI-EK42546-88 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results

Similar Description - EK42540-03

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com