Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42430-01 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # EK42430-01
Description  UltraCMOS SP3T Reflective
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK42430-01 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  EK42430-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK42430-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document No. 70-0326-04 │ www.psemi.com
Page 1 of 11
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Product Description
The PE42430 is a HaRP™-enhanced reflective SP3T RF
switch developed on the UltraCMOS® process
technology. This tiny general purpose switch is ideal for
WLAN and bluetooth applications in the 2.4 - 2.5 GHz
bands as well as general broadband switching
applications. It is comprised of three RF ports and has
low insertion loss and high isolation. An on-chip CMOS
decode logic facilitates a three-pin CMOS control
interface. Unlike competitive solutions, there is no need
for blocking capacitors when using the PE42430.
Peregrine’s HaRP™ technology enhancements deliver
high linearity and exceptional harmonics performance.
It is an innovative feature of the UltraCMOS® process,
providing performance superior to GaAs with the
economy and integration of conventional CMOS.
Product Specification
UltraCMOS® SP3T Reflective
RF Switch 100 – 3000 MHz
PE42430
Features
 HaRP™-enhanced UltraCMOS® device
 Low insertion loss

Typical 0.45 dB @ 1 GHz

Typical 0.55 dB @ 2.5 GHz
 IIP3: Typical +66 dBm
 P0.1dB Compression: Typical +30 dBm
 Excellent ESD tolerance of 4500V HBM
and 250V MM on all ports
 No external VDD required. VDD is derived
from switch control inputs
 Package type: 8-lead 1.5 x 1.5 mm DFN
Figure 1. Functional Diagram
Figure 2. Package Type
8-lead 1.5 x 1.5 mm DFN
RF1
CMOS
Control/Driver
and ESD
V1
V2
ESD
ESD
RF3
RFC
RF2
ESD
V3
71-0086-01


Similar Part No. - EK42430-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42412-02 PSEMI-EK42412-02 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
EK42420-03 PSEMI-EK42420-03 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
logo
Peregrine Semiconductor...
EK42421-01 PEREGRINE-EK42421-01 Datasheet
326Kb / 9P
   SPDT UltraCMOS
logo
Peregrine Semiconductor
EK42421-01 PSEMI-EK42421-01 Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
EK42422-01 PEREGRINE-EK42422-01 Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
More results

Similar Description - EK42430-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
   UltraCMOS SP3T Reflective RF Switch
PE42430 PSEMI-PE42430_14 Datasheet
1,019Kb / 11P
   UltraCMOS짰 SP3T Reflective
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032_14 Datasheet
683Kb / 5P
   Switch, SP3T 100 Watt Reflective
logo
Filtronic Compound Semi...
FMS2002 FILTRONIC-FMS2002 Datasheet
635Kb / 4P
   SP3T Reflective pHEMT MMIC Switch
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
   SP3T Reflective pHEMT MMIC Switch
logo
M/A-COM Technology Solu...
MASW-011030 MA-COM-MASW-011030 Datasheet
693Kb / 6P
   Switch, SP3T 100 Watt Reflective
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032 Datasheet
215Kb / 5P
   Switch, Symmetrical SP3T 100 Watt Reflective
MASW011032 MA-COM-MASW011032_15 Datasheet
215Kb / 5P
   Switch, Symmetrical SP3T 100 Watt Reflective
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
   DC-18 GHz SP3T Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com