Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1010N Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1010N
Description  Power Amplifier for PHS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1010N Datasheet(HTML) 3 Page - Sony Corporation

  CXG1010N Datasheet HTML 1Page - Sony Corporation CXG1010N Datasheet HTML 2Page - Sony Corporation CXG1010N Datasheet HTML 3Page - Sony Corporation CXG1010N Datasheet HTML 4Page - Sony Corporation CXG1010N Datasheet HTML 5Page - Sony Corporation CXG1010N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
—3—
CXG1010N
Current Consumption Variation with Recommended Current Adjustment Method
(For POUT=21.5 dBm output)
(1) Separate adjustment
5/
180
230
(mA)
IDD
00.8
VGG2
(V)
220
(mA)
180
IDD
5/
00.8
VGG2
(V)
5/
180
220
(mA)
IDD
00.8
VGG2
Simple adjustment method (Distribution of the
current consumption IDD after executing the PIN adjustment)
VGG2=a–b
×IDD (Pin off/VGG2=0.4V): a=0.804, b=2.07
(V)
VGG2/PIN separate adjustment method (Distribution of the
current consumption IDD after executing the PIN adjustment 1)
VGG2/PIN separate adjustment method (Distribution of the
current consumption IDD after executing the PIN adjustment 2)
(2) Simple adjustment


Similar Part No. - CXG1010N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
More results

Similar Description - CXG1010N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082_15 Datasheet
224Kb / 6P
   PHS Power Amplifier
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
logo
Sony Corporation
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
logo
Sony Corporation
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
logo
Transcom, Inc.
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
   PHS Band 16 Watt Amplifier
TA018-019-48-43 TRANSCOM-TA018-019-48-43 Datasheet
34Kb / 1P
   PHS Band 8 Watt Amplifier
logo
Sony Corporation
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com