Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRH100N6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRH100N6
Description  Rad-Hard N-channel, 60 V, 80 A Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N6 Datasheet(HTML) 5 Page - STMicroelectronics

  STRH100N6 Datasheet HTML 1Page - STMicroelectronics STRH100N6 Datasheet HTML 2Page - STMicroelectronics STRH100N6 Datasheet HTML 3Page - STMicroelectronics STRH100N6 Datasheet HTML 4Page - STMicroelectronics STRH100N6 Datasheet HTML 5Page - STMicroelectronics STRH100N6 Datasheet HTML 6Page - STMicroelectronics STRH100N6 Datasheet HTML 7Page - STMicroelectronics STRH100N6 Datasheet HTML 8Page - STMicroelectronics STRH100N6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STRH100N6
Electrical characteristics
Doc ID 18353 Rev 3
5/18
2
Electrical characteristics
(TC = 25°C unless otherwise specified).
Pre-irradiation
Table 5.
Pre-irradation on/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain
current (VGS = 0)
80% BVDss
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = - 20 V
-100
100
nA
nA
BVDSS
(1)
1.
This rating is guaranteed @ TJ ≥ 25 °C (see Figure 10: Normalized BVDSS vs temperature).
Drain-to-source breakdown
voltage
VGS = 0 V, ID = 1 mA
60
V
VGS(th)
Gate threshold voltage
VDS =VGS, ID = 1 mA
2
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 12 V
ID = 40 A
0.012 0.0135
Table 6.
Pre-irradation dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
(1)
Crss
1.
This value is guaranteed over the full range of temperature.
Input capacitance
Output capacitance
Reverse transfer
capacitance
VGS = 0, VDS = 25 V,
f=1MHz
3916
864
325
4895
1080
407
5874
1296
488
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-to-source charge
Gate-to-drain (“Miller”)
charge
VDD = 30 V, ID = 80 A,
VGS=12 V
107
22
34
134.4
32.5
46.5
161
43
59
nC
nC
nC
RG
(2)
2.
Not tested, guaranteed by process.
Gate input resistance
f=1MHz Gate DC bias=0
test signal level= 20 mV
open drain
1.6
2
2.4


Similar Part No. - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
More results

Similar Description - STRH100N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
   Rad-Hard N-channel 100 V, 6 A Power MOSFET
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
   Rad-Hard P-channel 100 V, 34 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
   JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
   Rad-Hard 60 A - 400 V fast recovery rectifier
June 2020 Rev 3
logo
Renesas Technology Corp
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
   N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com