Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3511Q Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD3511Q
Description  Digital Signal Driver/Timing Generator
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3511Q Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD3511Q Datasheet HTML 7Page - Sony Corporation CXD3511Q Datasheet HTML 8Page - Sony Corporation CXD3511Q Datasheet HTML 9Page - Sony Corporation CXD3511Q Datasheet HTML 10Page - Sony Corporation CXD3511Q Datasheet HTML 11Page - Sony Corporation CXD3511Q Datasheet HTML 12Page - Sony Corporation CXD3511Q Datasheet HTML 13Page - Sony Corporation CXD3511Q Datasheet HTML 14Page - Sony Corporation CXD3511Q Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
– 11 –
CXD3511Q
Electrical Characteristics
DC Characteristics
(Topr = –20 to +75°C, VSS = 0V)
1 Input pins other than those indicated in items Input voltage 2 and Input voltage 3.
2 V
IH3
> VC (max.) and VIL3 < VC (min.).
3 Tj [°C] ≥ Toprmax [°C] + θja [°C/W] × PD [W].
(Tj = 125 [°C], Toprmax = 75 [°C],
θja = 16 [°C/W], when mounted on a 4-layer substrate)
AC Characteristics
(Topr = –20 to +75°C, VDD1 = 2.5 ± 0.2V, VDD2 = 3.3 ± 0.3V, VSS = 0V)
4 Output pins other than RGB output, CLKOUT, PO1 to PO5, RGT, XRGT and DWN.
Clock input period
Input setup time
Input hold time
Output rise/fall
delay time
Output rise/fall
delay time
Output rise/fall
delay time
Cross-point time
difference
HCK1 duty
HCK2 duty
Phase compensation
PLL operating
frequency
tis
tih
tor/tof
tor/tof
tor/tof
t
th/(th + tl)
tl/(th + tl)
CLKP, CLKN, CLKC
RGB input, OSD input,
HDIN, VDIN
4
RGB output
CLKOUT
HCK1, HCK2, DCK1,
DCK1X, DCK2, DCK2X
HCK1
HCK2
CL = 20pF
CL = 20pF
CL = 50pF
CL = 20pF
CL = 20pF
CL = 20pF
PLLDIV = L
PLLDIV = H
5
2.5
1.5
2
2
1.5
–5
48
48
55
27.5
5
4
4.5
50
50
10
8
8.5
5
52
52
100
55
ns
%
MHz
Item
Symbol
Applicable pins
Conditions
Min.
Typ.
Max.
Unit
Supply
voltage
Input
voltage 1
Input
voltage 2
Input
voltage 3
Output
voltage
Current
consumption
VDD1
VDD2
VIH1
VIL1
VIH2
VIL2
VC∗2
VIH3
VIL3
VOH
VOL
PD3
1
HDIN, VDIN, PCTL,
PCLK, PDAT0 to PDAT9
CLKP, CLKN
All output pins
CMOS input cell
CMOS Schmitt
trigger input cell
Small-amplitude
differential input
CLKP = 200MHz
2.3
3.0
2.0
–0.3
0.8VDD2
–0.3
1.718
1.868
VSS
VDD2 – 0.5
VSS
2.5
3.3
2.0
VC + 0.4
VC – 0.4
2600
2.7
3.6
VDD2 + 0.3
0.8
VDD2 + 0.3
0.2VDD2
2.281
VDD2
2.131
VDD2
0.2
3120
Item
Symbol
Applicable pins
Conditions
Min.
Typ.
Max.
V
mW
Unit


Similar Part No. - CXD3511Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3511 SONY-CXD3511 Datasheet
569Kb / 84P
   Digital Signal Driver/Timing Generator
CXD3511AQ SONY-CXD3511AQ Datasheet
569Kb / 84P
   Digital Signal Driver/Timing Generator
More results

Similar Description - CXD3511Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3526GG SONY-CXD3526GG Datasheet
475Kb / 88P
   Digital Signal Driver/Timing Generator
CXD3511AQ SONY-CXD3511AQ Datasheet
569Kb / 84P
   Digital Signal Driver/Timing Generator
CXD2467AQ SONY-CXD2467AQ Datasheet
529Kb / 38P
   Digital Signal Driver/Timing Generator
CXD2467Q SONY-CXD2467Q Datasheet
533Kb / 38P
   Digital Signal Driver/Timing Generator
CXD3536R SONY-CXD3536R Datasheet
123Kb / 2P
   Digital Signal Driver/Timing Generator
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2264 TI-VSP2264 Datasheet
745Kb / 63P
[Old version datasheet]   CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com