Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHF330 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHF330
Description  Rad-hard 1 GHz low noise operational amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330 Datasheet(HTML) 5 Page - STMicroelectronics

  RHF330 Datasheet HTML 1Page - STMicroelectronics RHF330 Datasheet HTML 2Page - STMicroelectronics RHF330 Datasheet HTML 3Page - STMicroelectronics RHF330 Datasheet HTML 4Page - STMicroelectronics RHF330 Datasheet HTML 5Page - STMicroelectronics RHF330 Datasheet HTML 6Page - STMicroelectronics RHF330 Datasheet HTML 7Page - STMicroelectronics RHF330 Datasheet HTML 8Page - STMicroelectronics RHF330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RHF330
Electrical characteristics
Doc ID 15576 Rev 3
5/22
SR
Slew rate
Vout = 2 Vpp,
AV = +2, RL = 100 Ω
+25°C
1800
V/
μs
VOH
High level output voltage
RL = 100 Ω
+125°C
1.35
V
+25°C
1.5
1.64
-55°C
1.35
VOL
Low level output voltage
RL = 100 Ω
+125°C
-1.35
V
+25°C
-1.55
-1.5
-55°C
-1.35
Iout
Isink
(1)
Output to GND
+125°C
360
mA
+25°C
360
453
-55°C
360
Isource
(2)
Output to GND
+125°C
-320
+25°C
-320
-400
-55°C
-320
Noise and distortion
eN
Equivalent input noise
voltage(3)
F = 100 kHz
+25°C
1.3
nV/
√Hz
iN
Equivalent positive input noise
current(3)
F = 100 kHz
+25°C
22
pA/
√Hz
Equivalent negative input
noise current(3)
F = 100 kHz
+25°C
16
pA/
√Hz
SFDR
Spurious free dynamic range
AV = +2, Vout = 2 Vpp,
RL = 100 Ω
dBc
F = 10 MHz
+25°C
-78
F = 20 MHz
+25°C
-73
F = 100 MHz
+25°C
-48
F = 150 MHz
+25°C
-37
1.
See Figure 11 for more details.
2.
See Figure 10 for more details.
3.
See Chapter 5 on page 14.
Table 4.
Electrical characteristics for VCC= ±2.5 V, Tamb =+25°C
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
Table 5.
Closed-loop gain and feedback components
Gain (V/V)
+ 1
1
+ 2- 2
+ 4- 4
+ 10
- 10
Rfb (Ω)
300
270
300
270
240
240
200
200


Similar Part No. - RHF330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
More results

Similar Description - RHF330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
   Rad-hard 550 MHz low noise operational amplifier
Rev 8 - February 2020
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
   Rad-hard 550 MHz low noise operational amplifier
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
   1.1 GHz Low-Noise Operational Amplifier
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
   Rad-hard 400 關A high-speed operational amplifier
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
   Rad-hard 400 關A high-speed operational amplifier
Rev 7 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com