Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S050-1FG144YES Datasheet(PDF) 3 Page - Microsemi Corporation

Part # M2S050-1FG144YES
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S050-1FG144YES Datasheet(HTML) 3 Page - Microsemi Corporation

  M2S050-1FG144YES Datasheet HTML 1Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 2Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 3Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 4Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 5Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 6Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 7Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 8Page - Microsemi Corporation M2S050-1FG144YES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
R e visi on 0
III
SmartFusion2 SoC FPGA Block Diagram
Acronyms
AES
Advanced Encryption Standard
MDDR
DDR2/3 Controller in MSS
AHB
Advanced High-Performance Bus
MMUART Multi-Mode UART
APB
Advanced Peripheral Bus
MPU
Memory Protection Unit
AXI
Advanced eXtensible Interface
MSS
Microcontroller Subsystem
COMM_BLK
Communication Block
SECDED Single Error Correct Double Error Detect
DDR
Double Data Rate
SEU
Single Event Upset
DPA
Differential Power Analysis
SHA
Secure Hashing Algorithm
ECC
Elliptical Curve Cryptography
SMC_FIC Soft Memory Controller
EDAC
Error Detection And Correction
TSE
Triple Speed Ethernet (10/100/1000 Mbps)
ETM
Embedded Trace Macrocell
ULPI
UTMI + Low Pin Interface
FDDR
DDR2/3 controller in FPGA fabric
UTMI
USB 2.0 Transceiver Macrocell Interface
FIC
Fabric Interface Controller
WDT
Watchdog Timer
FIIC
Fabric Interface Interrupt Controller
XAUI
10 Gbps Attachment Unit Interface
HS USB OTG High Speed USB 2.0 On-The-Go
XGMII
10 Gigabit Media Independent Interface
IAP
In-Application Programming
XGXS
XGMII Extended Sublayer
MACC
Multiply-Accumulate
FPGA Fabric
Micro SRAM
(64x18)
Micro SRAM
(64x18)
Large SRAM
(1024x18)
Large SRAM
(1024x18)
Math Block
MACC (18x18)
Math Block
MACC (18x18)
DDR
Bridge
MSS
DDR Controller
+ PHY
Serial Controller 0
(PCIe, XAUI/XGXS)
+ Native SERDES
Instruction
Cache
eSRAM
TSE MAC
HPDMA
FIC_1
FIC_0
COMM_BLK
OSCs
PLLs
SYSREG
eNVM
HS USB
OTG ULPI
PDMA
APB
SRAM-PUF
JTAG I/O
DDR User I/O
DDR User I/O
Serial 1 I/O
Serial 0 I/O
SPI I/O
Multi-Standard User I/O (MISO)
SHA256
AES256
In-Application
Programming
NRBG
ECC
Flash*Freeze
FIIC
RTC
WDT
CAN
SPI x 2
MMUART x 2
I2C x 2
Timer x 2
AHB Bus Matrix (ABM)
MPU
ARM® Cortex-M3
Microcontroller
Subsystem (MSS)
System Controller
ETM
S
D
AHB
AXI/AHB/XGXS
Config
Fabric DDR
Controller + PHY
AXI/AHB
Config
Serial Controller 1
(PCIe, XAUI/XGXS)
+ Native SERDES
AXI/AHB/XGXS
Config
SMC_FIC
AXI/AHB
Config
AHB
AHB
Interupts
I
FPGA Fabric
Micro
Standard Cell /
SEU Immune
Flash Based /
SEU Immune


Similar Part No. - M2S050-1FG144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S050 MICROSEMI-M2S050 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S050-1FG144YES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com