Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54VCXH162374 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 54VCXH162374
Description  Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162374 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54VCXH162374_11 Datasheet HTML 3Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 4Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 5Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 6Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 7Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 8Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 9Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 10Page - STMicroelectronics 54VCXH162374_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
54VCXH162374
Maximum rating
Doc ID 10654 Rev 7
7/18
3
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
3.1
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +4.6
V
VI
DC input voltage
-0.5 to +4.6
V
VO
DC output voltage (OFF state)
-0.5 to +4.6
V
VO
DC output voltage (high or low state) (1)
1.
IO absolute maximum rating must be observed
-0.5 to VCC + 0.5
V
IIK
DC input diode current
- 50
mA
IOK
DC output diode current (2)
2.
VO < GND, VO > VCC
- 50
mA
IO
DC output current
± 50
mA
ICC or
IGND
DC VCC or ground current per supply pin
± 100
mA
PD
Power dissipation
400
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
260
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 3.6
V
VI
Input voltage
-0.3 to 3.6
V
VO
Output voltage (OFF state)
0 to 3.6
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL
High or low level output current (VCC = 3.0 to 3.6 V)
± 12
mA
IOH, IOL
High or low level output current (VCC = 2.3 to 2.7 V)
± 8mA
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time (1)
1.
VIN from 0.8 V to 2 V at VCC = 3.0 V
0 to 10
ns/V


Similar Part No. - 54VCXH162374_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374 Datasheet
512Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
More results

Similar Description - 54VCXH162374_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374 Datasheet
512Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX16374 STMICROELECTRONICS-74VCX16374 Datasheet
312Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com