Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT151 Datasheet(PDF) 24 Page - STMicroelectronics

Part # 54ACT151
Description  Rad-hard advanced high-speed 5 V CMOS logic series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54ACT151 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button 54ACT151 Datasheet HTML 20Page - STMicroelectronics 54ACT151 Datasheet HTML 21Page - STMicroelectronics 54ACT151 Datasheet HTML 22Page - STMicroelectronics 54ACT151 Datasheet HTML 23Page - STMicroelectronics 54ACT151 Datasheet HTML 24Page - STMicroelectronics 54ACT151 Datasheet HTML 25Page - STMicroelectronics 54ACT151 Datasheet HTML 26Page - STMicroelectronics 54ACT151 Datasheet HTML 27Page - STMicroelectronics 54ACT151 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
RHFACT273K1
-
Engineering model
Flat-20
Gold
RHFACT273K1
0.90
-
Strip pack
RHFACT273K01V
5962F0152701VXC
QML-V flight
Flat-20
Gold
5962F0152701VXC
0.90
-
RHFACT273K02V
5962F0152701VXA
QML-V flight
Flat-20
Solder dip
5962F0152701VXA
0.90
-
RHFAC373K1
-
Engineering model
Flat-20
Gold
RHFAC373K1
0.90
-
RHFAC373K01V
5962F8755501VXC
QML-V flight
Flat-20
Gold
5962F8755501VXC
0.90
Y
RHFAC373K02V
5962F8755501VXA
QML-V flight
Flat-20
Solder dip
5962F8755501VXA
0.90
Y
RHFACT373K1
-
Engineering model
Flat-20
Gold
RHFACT373K1
0.90
-
RHFACT373K01V
5962F8755603VXC
QML-V flight
Flat-20
Gold
5962F8755603VXC
0.90
-
RHFACT373K02V
5962F8755603VXA
QML-V flight
Flat-20
Solder dip
5962F8755603VXA
0.90
-
RHFAC374K1
-
Engineering model
Flat-20
Gold
RHFAC374K1
0.90
-
RHFAC374K01V
5962F8769401VXC
QML-V flight
Flat-20
Gold
5962F8769401VXC
0.90
Y
RHFAC374K02V
5962F8769401VXA
QML-V flight
Flat-20
Solder dip
5962F8769401VXA
0.90
Y
RHFACT374K1
-
Engineering model
Flat-20
Gold
RHFACT374K1
0.90
-
RHFACT374K01V
5962F8763103VXC
QML-V flight
Flat-20
Gold
5962F8763103VXC
0.90
-
RHFACT374K02V
5962F8763103VXA
QML-V flight
Flat-20
Solder dip
5962F8763103VXA
0.90
-
RHFAC521K1
-
Engineering model
Flat-20
Gold
RHFAC521K1
0.90
-
RHFAC521K01V(1)
-
QML-V flight
Flat-20
Gold
0.90
-
RHFAC521K02V(1)
-
QML-V flight
Flat-20
Gold
0.90
-
RHFAC540K1
-
Engineering model
Flat-20
Gold
RHFAC540K1
0.90
-
RHFAC540K01V(1)
-
QML-V flight
Flat-20
Gold
0.90
-
RHFAC540K02V(1)
-
QML-V flight
Flat-20
Gold
0.90
-
RHFAC541K1
-
Engineering model
Flat-20
Gold
RHFAC541K1
0.90
-
RHFAC541K01V
5962F8870601VXC
QML-V flight
Flat-20
Gold
5962F8870601VXC
0.90
Y
RHFAC541K02V
5962F8870601VXA
QML-V flight
Flat-20
Solder dip
5962F8870601VXA
0.90
Y
RHFACT541K1
-
Engineering model
Flat-20
Gold
RHFACT541K1
0.90
-
Table 13.
Ordering information (continued)
Order codes
SMD pin
Quality level
Package
Lead finish
Marking
Mass (g)
EPPL
Packing


Similar Part No. - 54ACT151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT151 NSC-54ACT151 Datasheet
170Kb / 9P
   8-Input Multiplexer
54ACT151D NSC-54ACT151D Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151F NSC-54ACT151F Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151L NSC-54ACT151L Datasheet
156Kb / 10P
   8-Input Multiplexer
More results

Similar Description - 54ACT151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com