Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX224 Datasheet(PDF) 19 Page - Sony Corporation

Part # ICX224
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX224 Datasheet(HTML) 19 Page - Sony Corporation

Back Button ICX224 Datasheet HTML 15Page - Sony Corporation ICX224 Datasheet HTML 16Page - Sony Corporation ICX224 Datasheet HTML 17Page - Sony Corporation ICX224 Datasheet HTML 18Page - Sony Corporation ICX224 Datasheet HTML 19Page - Sony Corporation ICX224 Datasheet HTML 20Page - Sony Corporation ICX224 Datasheet HTML 21Page - Sony Corporation ICX224 Datasheet HTML 22Page - Sony Corporation ICX224 Datasheet HTML 23Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
– 19 –
CXD3410GA
Note) ACT means that the circuit is operating, and DIS means that loading is stopped.
L indicates a low output level, and H a high output level in the controlled status.
Also, VH, VM and VL indicate the voltage levels applied to VH (Pin M5), VM (Pin L4) and VL (Pin M6),
respectively, in the controlled status.
Pin
No.
J2
J3
J7
J8
J9
K1
K2
K3
K7
K8
K9
L1
L2
L3
L4
L5
L6
L7
L8
CKO
VSS5
VSS3
H1
H2
OSCO
MCKO
VDD5
VDD2
RG
VSS2
OSCI
SSI1
VSS4
VM
V1A
V3A
VSS1
EBCKSM
ACT
ACT
L
ACT
ACT
ACT
L
L
L
ACT
ACT
L
L
L
ACT
ACT
ACT
ACT
ACT
ACT
ACT
ACT
L
ACT
ACT
ACT
L
L
L
ACT
ACT
ACT
ACT
ACT
ACT
ACT
ACT
ACT
ACT
DIS
ACT
VH
VH
VH
VM
ACT
VH
VH
VH
VL
ACT
ACT
ACT
ACT
ACT
L9
M1
M2
M3
M4
M5
M6
M7
M8
M9
N1
N2
N3
N4
N5
N6
N7
N8
N9
VDD1
SCK1
VD
TEST1
V2
VH
VL
TEST2
RST
WEN
SEN1
HD
VSS6
V4
V1B
V3B
SUB
DSGAT
ID
ACT
ACT
ACT
ACT
DIS
ACT
ACT
ACT
ACT
ACT
ACT
VM
VM
VM
VM
ACT
ACT
ACT
ACT
L
ACT
L
L
ACT
L
ACT
ACT
ACT
ACT
DIS
ACT
ACT
ACT
ACT
ACT
ACT
VM
VM
VM
VL
ACT
VH
VH
VH
VM
ACT
VH
VH
VH
VL
ACT
VH
VH
VH
VL
ACT
ACT
ACT
L
ACT
ACT
L
L
ACT
L
Symbol
Pin
No.
Symbol
CAM
SLP
DS
GAT
RST
STB
CAM
SLP
DS
GAT
RST
STB


Similar Part No. - ICX224

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224 SONY-ICX224 Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQ SONY-ICX224AQ Datasheet
376Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com