Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX202 Datasheet(PDF) 15 Page - Sony Corporation

Part # ICX202
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX202 Datasheet(HTML) 15 Page - Sony Corporation

Back Button ICX202 Datasheet HTML 11Page - Sony Corporation ICX202 Datasheet HTML 12Page - Sony Corporation ICX202 Datasheet HTML 13Page - Sony Corporation ICX202 Datasheet HTML 14Page - Sony Corporation ICX202 Datasheet HTML 15Page - Sony Corporation ICX202 Datasheet HTML 16Page - Sony Corporation ICX202 Datasheet HTML 17Page - Sony Corporation ICX202 Datasheet HTML 18Page - Sony Corporation ICX202 Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
– 15 –
CXD3410GA
CCD Signal Processor Block Electrical Characteristics
DC Characteristics
(Fc = 18MSPS, DVDD1, 2 = AVDD1, 2, 3, 4, 5 = 3.3V, Ta = 25°C)
Item
Supply voltage 1
Supply voltage 2
Supply voltage 3
Analog input
capacitance
Input voltage
A/D clock duty
Output voltage
Pins
DVDD1
DVDD2
AVDD1,
AVDD2,
AVDD3,
AVDD4,
AVDD5
CCDIN
SCK2, SSI2,
SEN2, TEST3,
TEST4, XSHDI,
XSHPI, ADCLKI,
CLPOBI,
CLPDMI, PBLKI
ADCLKI
D0 to D9
Symbol
VDDe
VDDf
VDDg
CIN
VI +
VI –
VOH
VOL
Conditions
Feed current where IOH = –2.0mA
Pull-in current where IOL = 2.0mA
Min.
3.0
3.0
3.0
VDDe – 0.9
Typ.
3.3
3.3
3.3
15
1.8
1.1
50
Max.
3.6
3.6
3.6
0.4
Unit
V
V
V
pF
V
V
%
V
V
Analog Characteristics
(Fc = 18MSPS, DVDD1, 2 = AVDD1, 2, 3, 4, 5 = 3.3V, Ta = 25°C)
Item
CCDIN input voltage amplitude
PGA maximum gain
PGA minimum gain
ADC resolution
ADC maximum conversion rate
ADC integral non-linearity error
ADC differential non-linearity error
Signal-to-noise ratio
CCDIN input voltage clamp level
CCD optical black signal clamp
level
Symbol
VIN
Gmax
Gmin
Fc max
EL
ED
SNR∗1
CLP
OB
Conditions
PGA gain = 0dB, output full scale
PGA gain setting data = "3FFh"
PGA gain setting data = "000h"
PGA gain = 0dB
PGA gain = 0dB
CCDIN input connected to GND
via a coupling capacitor
PGA gain = 0dB
OBLVL = "8h"
PGA gain = 0dB
Min.
900
18
Typ.
42
–6
10
±1.0
±0.5
62
1.5
32
Max.
1100
±5.0
±1.0
Unit
mV
dB
dB
bit
MHz
LSB
LSB
dB
V
LSB
1 SNR = 20 log (full-scale voltage/rms noise)


Similar Part No. - ICX202

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX202 SONY-ICX202 Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
More results

Similar Description - ICX202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com