Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU50R1K4CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPU50R1K4CE
Description  500V CoolMOS??CE Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU50R1K4CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPU50R1K4CE Datasheet HTML 1Page - Infineon Technologies AG IPU50R1K4CE Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
The CoolMOS™ CE is a new technology platform of Infineon’s market leading
high voltage power MOSFETs designed according to the revolutionary
superjunction (SJ) principle.
500V CE portfolio provides all benefits of a fast switching SJ MOSFET while not
sacrificing ease of use. As the complete CE series, devices achieve extremely
low conduction and switching losses and can make switching applications
more efficient, more compact, lighter and cooler.
Efficiency comparison 500V CoolMOS™ CE vs competitor standard MOSFET
CCM PFC stage, 90VAC up to 400W
„
Reduced energy stored in output
capacitance (E
oss)
„
High body diode ruggedness
„
Reduced reverse recovery charge (Q
rr)
„
Reduced gate charge (Q
g)
Benefits
„
Easy control of switching behavior
„
Improved light load efficiency
compared to previous CoolMOS™
generations
„
Cost attractive alternative compared
to standard MOSFETs
„
Outstanding reliability with proven
CoolMOS™ quality combined with
high body diode ruggedness
Applications
„
Consumer
„
Lighting
„
PC Silverbox
www.infineon.com/ce
Features
500V CoolMOS™ CE Power MOSFET
IPP50R280CE vs. Standard MOS
delta eciency @ VIN=90VAC; plug&play scenario;
Rg,ext=5 ; f=100kHz; VOUT=400VDC
IPP50R280CE vs. Standard MOS
eciency @ VIN=90VAC; plug&play scenario;
Rg,ext=5 ; f=100kHz; VOUT=400VDC
POUT [W]
POUT [W]
98
97
96
95
94
93
92
91
90
IPP50R280CE
Standard MOS
0,6
0,4
0,2
0,0
-0,2
-0,4
-0,6
-0,8
-1,0
50
100 150 200 250 300 350 400
IPP50R280CE
Standard MOS
40% Q
g reduction


Similar Part No. - IPU50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU50R1K4CE INFINEON-IPU50R1K4CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-06-13
logo
Inchange Semiconductor ...
IPU50R1K4CE ISC-IPU50R1K4CE Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPU50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPW50R280CE INFINEON-IPW50R280CE Datasheet
2Mb / 15P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R800CE INFINEON-IPA50R800CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com