Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX406 Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX406
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX406 Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX406 Datasheet HTML 4Page - Sony Corporation ICX406 Datasheet HTML 5Page - Sony Corporation ICX406 Datasheet HTML 6Page - Sony Corporation ICX406 Datasheet HTML 7Page - Sony Corporation ICX406 Datasheet HTML 8Page - Sony Corporation ICX406 Datasheet HTML 9Page - Sony Corporation ICX406 Datasheet HTML 10Page - Sony Corporation ICX406 Datasheet HTML 11Page - Sony Corporation ICX406 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
– 8 –
CXD3408GA
Inverter I/O Characteristics for Oscillation
(Within the recommended operating conditions)
Item
Logical Vth
Input
voltage
Output
voltage
Feedback
resistor
Oscillation
frequency
Pins
OSCI
OSCI
OSCO
OSCI, OSCO
OSCI, OSCO
Symbol
LVth
VIH
VIL
VOH
VOL
RFB
f
Conditions
Feed current where IOH = –3.6mA
Pull-in current where IOL = 2.4mA
VIN = VDDd or VSS
Min.
0.7VDDd
VDDd – 0.8
500k
20
Typ.
VDDd/2
2M
Max.
0.3VDDd
0.4
5M
50
Unit
V
V
V
V
V
MHz
Item
Logical Vth
Input
voltage
Input
amplitude
Pins
CKI
Symbol
LVth
VIH
VIL
VIN
Conditions
fmax 50MHz sine wave
Min.
0.7VDDd
0.3
Typ.
VDDd/2
Max.
0.3VDDd
Unit
V
V
V
Vp-p
Item
Rise time
Fall time
Output noise voltage
Symbol
TTLM
TTMH
TTLH
TTML
TTHM
TTHL
VCLH
VCLL
VCMH
VCML
Conditions
VL to VM
VM to VH
VL to VH
VM to VL
VH to VM
VH to VL
Min.
200
200
30
200
200
30
Typ.
350
350
60
350
350
60
Max.
500
500
90
500
500
90
1.0
1.0
1.0
1.0
Unit
ns
ns
ns
ns
ns
ns
V
V
V
V
Inverter Input Characteristics for Base Oscillation Clock Duty Adjustment
(Within the recommended operating conditions)
Note) Input voltage is the input voltage characteristics for direct input from an external source. Input amplitude
is the input amplitude characteristics in the case of input through a capacitor.
Switching Characteristics
(VH = 15.0V, VM = GND, VL = –7.5V)
Notes)
1. The MOS structure of this IC has a low tolerance for static electricity, so full care should be given for
measures to prevent electrostatic discharge.
2. For noise and latch-up countermeasures, be sure to connect a by-pass capacitor (0.1µF or more) between
each power supply pin (VH, VL) and GND.
3. To protect the CCD image sensor, clamp the SUB pin output at VH before input to the CCD image sensor.


Similar Part No. - ICX406

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results

Similar Description - ICX406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com