Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX262 Datasheet(PDF) 46 Page - Sony Corporation

Part # ICX262
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX262 Datasheet(HTML) 46 Page - Sony Corporation

Back Button ICX262 Datasheet HTML 38Page - Sony Corporation ICX262 Datasheet HTML 39Page - Sony Corporation ICX262 Datasheet HTML 40Page - Sony Corporation ICX262 Datasheet HTML 41Page - Sony Corporation ICX262 Datasheet HTML 42Page - Sony Corporation ICX262 Datasheet HTML 43Page - Sony Corporation ICX262 Datasheet HTML 44Page - Sony Corporation ICX262 Datasheet HTML 45Page - Sony Corporation ICX262 Datasheet HTML 46Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
– 46 –
CXD3406GA
Package Outline
Unit: mm
96PIN LFLGA
PACKAGE MASS
PACKAGE STRUCTURE
ORGANIC SUBSTRATE
0.3 g
PACKAGE MATERIAL
TERMINAL TREATMENT
TERMINAL MATERIAL
GOLD PLATING
NICKEL PLATING
SONY CODE
EIAJ CODE
JEDEC CODE
LFLGA-96P-02
P-LFLGA96-12X8-0.8
1.3 MAX
DETAIL X
PIN 1 INDEX
X
B
8.0
A
0.2
S
0.15
x4
0.8
B
D
E
F
G
H
J
K
L
C
A
M
N
1 234 5678 9
M SA B
96 -
φ0.45 ± 0.05
A
0.5
0.5
3 –
φ0.50
0.5
0.8
0.10MAX
φ0.08
(0.3)
(0.3)
Sony Corporation
96PIN LFLGA
PACKAGE MASS
PACKAGE STRUCTURE
ORGANIC SUBSTRATE
0.3g
PACKAGE MATERIAL
TERMINAL TREATMENT
TERMINAL MATERIAL
SONY CODE
EIAJ CODE
JEDEC CODE
LFLGA-96P-051
P-LFLGA96-12.0X8.0-0.8
1.3 MAX
DETAIL X
PIN 1 INDEX
X
B
8.0
A
0.2
S
0.15
x4
0.8
B
D
E
F
G
H
J
K
L
C
A
M
N
1 234 5678 9
M
SA B
96 -
φ0.45 ± 0.05
A
0.5
0.5
3 –
φ0.50
0.5
0.8
0.10MAX
φ0.08
(0.3)
(0.3)
NICKEL & GOLD PLATING
COPPER
Oita Ass'y
HITACHI TOKYO Ass'y


Similar Part No. - ICX262

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX262 SONY-ICX262 Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com