Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP50R280CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP50R280CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R280CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP50R280CE Datasheet HTML 3Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 4Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 5Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPP50R280CE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
500V CoolMOS
TM CE
7
Application Note AN 2012-04
V1.0 April 2012
Figure 2: cross section of standard MOSFET (left) and SJ MOSFET (right) [5]
“The SJ principle gives us the opportunity to create best-in-class types, which have not been possible before
such as a 100 mΩ/600V part in a TO-220 package. Furthermore it allows making parts with very low
capacitances for a given RDS(on) as the silicon chip is much smaller than for a conventional power MOSFET.
Both input and high voltage level of the output capacitance scale directly with the chip size, whereas reverse
capacitance and to some extent the low voltage level of the output capacitance is technology dependent.
Characteristic of all Superjunction devices is a strong non-linearity of the output capacitance with high values
at low voltage and low values at high voltage. This behavior can be easily understood if you take into
account that the output capacitance is proportional to the area of the blocking pn-junction and inverse
proportional to the width of the space charge layer (or the voltage sustaining area). At low voltage the p-
columns are not depleted and form a very big surface, furthermore the width of the space charge layer is
very narrow (the white area seen in
” Figure 2). ” At high voltage however the p-columns are fully depleted
and the space charge layer has reached its full
extension of roughly 45μm for a 600V device. Important is
that the non-linearity of the output capacitance allows a quasi zero-voltage-switching (ZVS) turn-off of the
device, lowering turn-off losses. Superjunction devices are by nature fast in switching. Very small
capacitances together with a low gate charge make rise and fall times of a few nanoseconds a reality.
” [5]
For more information on Superjunction
devices please read the article “Mastering the Art of Slowness” which
is available on www.infineon.com.
2.2
Superjunction Benefit of 500V CE
Chapter 2.1 illustrated the general characteristics of a SJ MOSFET in comparison to a standard MOSFET.
N
ow the question arises “What is the benefit for the 500V CE?” This application note will describe two of the
most important factors starting with the switching speed.
2.2.1 Switching Speed
As mentioned in the general description the switching speed increases dramatically. This behavior comes
from the low parasitic capacitances of a SJ MOSFET in comparison to the standard MOSFET. A SJ
MOSFET has about half of the value of input and output capacitance, which brings the benefits for switching
losses and driving losses. Figure 3 represents these parasitic capacitances (marked in red) in a simplified
schematic.


Similar Part No. - IPP50R280CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R280CE INFINEON-IPP50R280CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPP50R280CE INFINEON-IPP50R280CE Datasheet
2Mb / 15P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
logo
Inchange Semiconductor ...
IPP50R280CE ISC-IPP50R280CE Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R280CE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
   For Wi-Fi Industrial and Consumer Applications
logo
IXYS Corporation
IXKK85N60C IXYS-IXKK85N60C Datasheet
110Kb / 4P
   CoolMOSTM Superjunction MOSFET
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
   NFC reader for payment, consumer and industrial applications
March 2023 Rev 7
logo
Freescale Semiconductor...
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com