Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD50R380CE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD50R380CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD50R380CE Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD50R380CE Datasheet HTML 1Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 2Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 3Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 4Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 5Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 6Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 7Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 8Page - Infineon Technologies AG IPD50R380CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
500V CoolMOS
TM CE
4
Application Note AN 2012-04
V1.0 April 2012
1
Introduction
The new CoolMOS
TM CE is the fourth technology platform of Infineon’s market leading high voltage power
MOSFETs designed according to the revolutionary superjunction (SJ) principle in the 500V class. 500V CE
portfolio provides all benefits of a fast switching superjunction (SJ) MOSFET while keeping ease of use and
implementation. The complete CE series of MOSFETs achieve very low conduction and switching losses,
and can make applications more efficient, more compact, lighter and thermally cooler.
This application note will describe the fundamental differences between a SJ MOSFET and a standard
MOSFET. Additionally, all features and benefits impacting the target applications will be described.
Furthermore, these features will be illustrated from both a theoretical point of view and in hardware
measurements. It will also be shown that CoolMOS
TM CE is a cost effective alternative compared to standard
MOSFETs, which enables reaching higher efficiency levels while offering an attractive price/performance
ratio.
1.1
Features and Benefits
The following table represents the features and benefits of CoolMOS
TM CE in comparison to standard
MOSFETs, which will be discussed in depth in the main part of this application note.
Table 1: features and benefits
FEATURES
BENEFITS
Reduced energy stored in output
capacitance (Eoss)
Reduction of switching losses,
improvement of light load efficiency
High body diode ruggedness
Higher reliability under critical operating
conditions
Reduced reverse recovery charge (Qrr)
Lower possibility of hard commutation in
resonant topologies
Reduced gate charge (Qg)
Improvement in light load efficiency
Lower gate drive capability required
Overall Features
Easy control of switching behavior
Outstanding reliability with proven
CoolMOS
TM quality


Similar Part No. - IPD50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50R380CE INFINEON-IPD50R380CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPD50R380CE INFINEON-IPD50R380CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
logo
Inchange Semiconductor ...
IPD50R380CE ISC-IPD50R380CE Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD50R380CE INFINEON-IPD50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
More results

Similar Description - IPD50R380CE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
   For Wi-Fi Industrial and Consumer Applications
logo
IXYS Corporation
IXKK85N60C IXYS-IXKK85N60C Datasheet
110Kb / 4P
   CoolMOSTM Superjunction MOSFET
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
   NFC reader for payment, consumer and industrial applications
March 2023 Rev 7
logo
Freescale Semiconductor...
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com