Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX252 Datasheet(PDF) 17 Page - Sony Corporation

Part # ICX252
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX252 Datasheet(HTML) 17 Page - Sony Corporation

Back Button ICX252 Datasheet HTML 13Page - Sony Corporation ICX252 Datasheet HTML 14Page - Sony Corporation ICX252 Datasheet HTML 15Page - Sony Corporation ICX252 Datasheet HTML 16Page - Sony Corporation ICX252 Datasheet HTML 17Page - Sony Corporation ICX252 Datasheet HTML 18Page - Sony Corporation ICX252 Datasheet HTML 19Page - Sony Corporation ICX252 Datasheet HTML 20Page - Sony Corporation ICX252 Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
– 17 –
CXD3406GA
Description of Operation
Pulses output from the CXD3406GA's timing generator block are controlled mainly by the RST pin and by the
serial interface data. The Pin Status Table is shown below, and the details of serial interface control are
described on page 19 and thereafter.
Pin Status Table
Pin
No.
A1
A2
A3
A4
A5
A6
A7
A8
A9
B1
B2
B3
B4
B5
B6
B7
B8
B9
C1
C2
C3
C4
C5
C6
C7
C8
C9
D1
D2
NC
NC
SCK2
SSI2
TEST3
AVSS4
C8
AVSS6
AVDD5
D2
D1
D0
SEN2
TEST5
AVDD4
C7
AVDD3
AVSS3
D5
D4
D3
TEST4
AVSS5
C9
C3
C4
CCDIN
D8
D7
D3
D7
D8
D9
E1
E2
E3
E7
E8
E9
F1
F2
F3
F7
F8
F9
G1
G2
G3
G7
G8
G9
H1
H2
H3
H7
H8
H9
J1
D6
C1
C2
AVSS1
D9
DVDD1
DVSS1
AVSS2
AVDD2
AVDD1
DVSS2
DVSS3
DVDD2
PBLKI
XSHDI
XSHPI
ADCLKI
CLPOBI
CLPDMI
PBLK
XSHD
XSHP
ADCLK
CLPOB
CLPDM
XRS
VDD4
VDD3
CKI
ACT
L
L
H
ACT
L
L
ACT
ACT
L
L
ACT
ACT
L
L
ACT
ACT
L
L
H
ACT
L
L
H
ACT
L
L
ACT
ACT
ACT
ACT
ACT
Symbol
Pin
No.
Symbol
CAM
SLP
RST
STB
CAM
SLP
RST
STB


Similar Part No. - ICX252

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252 SONY-ICX252 Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com