Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC04-XXS(D)H Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-XXS(D)H
Description  Removable DIN-Rail Mounting Bracket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-XXS(D)H Datasheet(HTML) 1 Page - Recom International Power

  RAC04-XXS(D)H Datasheet HTML 1Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECOM
Removable DIN-Rail Mounting Bracket
RAC01~03-xxSC Series Screw Terminal Module Option
A:RAC01~02-xxSC Series = 32.8 mm.
RAC03-xxSC Series = 31.5 mm.
RAC04C-xxS(D)H ,RAC05~06-xxSC RAC10-xxS(D)C Series Screw Terminal Module Option
A:RAC04C-xxS(D)H Series = 32.2 mm.
RAC05~06-xxSC Series = 31.5 mm.
RAC10-xxS(D)C
Series = 38.6 mm.
Products Figture
21-Dec-2011 Pre.0
Pin Connections
Pin#
1
VAC in(N)
3
VAC in(L)
4
Dual -VDC out
6
Dual Com
Single -VDC out
8
+VDC out
Tolerance ±0.5mm
Pin Connections
Pin#
1
VAC in(N)
3
VAC in(L)
4
Dual -VDC out
6
Dual Com
Single -VDC out
8
+VDC out
Tolerance ±0.5mm
3rd angle
projection
3rd angle
projection


Similar Part No. - RAC04-XXS(D)H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-0512DA RECOM-RAC04-0512DA Datasheet
86Kb / 2P
   Ultracompact AC-DC Power Supply
RAC04-0512DA RECOM-RAC04-0512DA Datasheet
87Kb / 2P
   Ultracompact AC-DC Power Supply
RAC04-0512DC RECOM-RAC04-0512DC Datasheet
571Kb / 3P
   AC/DC-Converter with 3 year Warranty
RAC04-0512DC RECOM-RAC04-0512DC Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC04-0512DC RECOM-RAC04-0512DC Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
More results

Similar Description - RAC04-XXS(D)H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76000977 ETC2-76000977 Datasheet
120Kb / 1P
   Mounting Bracket ??DIN Rail
logo
CUI INC
STK-DIN CUI-STK-DIN Datasheet
170Kb / 2P
   DIN RAIL MOUNTING BRACKET
VHK-DIN CUI-VHK-DIN Datasheet
300Kb / 4P
   DIN RAIL MOUNTING BRACKET KIT
FSC-S15-DIN CUI-FSC-S15-DIN Datasheet
122Kb / 2P
   DIN RAIL MOUNTING BRACKET ASSEMBLY INSTRUCTIONS
9/15/2008
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
   DIN mounting rail
2020-09-23
logo
Tripp Lite. All Rights ...
B110-DIN-01 TRIPPLITE-B110-DIN-01 Datasheet
174Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 1 - 41 mm mounting distance
B110-DIN-02 TRIPPLITE-B110-DIN-02 Datasheet
163Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 2 - 65 mm Mounting Distance
logo
TRACO Electronic AG
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com