Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKU15N60R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKU15N60R
Description  RC-Drive and RC-Drive Fast
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKU15N60R Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKU15N60R Datasheet HTML 1Page - Infineon Technologies AG IKU15N60R Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
The RC-Drives IGBT technology is a cost optimized solution for the price-sensitive
consumer drivers market that provides outstanding performance for permanent
magnet synchronous and brushless DC motor drives.
The new family of reverse conduct RC-Drives Fast were developed to meet rising demand
for the low power motor drivers on consumer market. IGBT and diode losses are
optimized to reduce losses at frequencies of 4 ~ 30kHz. RC-Drives Fast enables high
efficiency designs for inverters above 16kHz to reduce the audiable noise to absolutely
silent level. Furthermore highly precise vector control techniques can be used to provide
more torque in operation at low speed and high performance dynamics in the control at
high speed. The small size of the components allows high power density designs with
less system costs.
„
Optimized E
on, Eoff and Qrr for up to
20% lower switching losses
„
Operating range of DC to 30kHz
„
Max junction temperature 175°C
„
Short circuit capability of 5µs
„
Very tight parameter distribution
„
Best in class current versus package
size performance
„
Smooth switching performance
leading to low EMI levels
„
Complete product portfolio and
PSpice Models on the internet
Benefits
„
Excellent cost/performance for hard
switching applications
„
Outstanding temperature stability
„
Very good EMI behavior
„
Up to 60% space saving on the PCB
„
Higher reliability due to
monolithically integrated IGBT &
diode due to less thermal cycling
during switching
Applications
„
Compressors
„
Pumps
„
Fans
„
Hard switching topologies
up to 1.0kW
www.infineon.com/rcdf
Features
RC-Drive and RC-Drive Fast
Cost-Optimized IGBT for Consumer Drive Applications
Home Appliance
0.30
0.25
0.20
0.15
0.10
0.05
0
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
RC-Drives (25°C)
RC-Drives (175°C)
RC-Drives Fast (25°C)
RC-Drives Fast (175°C)
E
o vs. Vcesat
R
s=40Ω, Ic04A, Tj=25°C and 175°C
V
cesat (V)
-61% reduction
in Eo at 175°C
Due to differtent trade-
off between conduction
and switching losses,
either RC-Drives or
RC-Drives Fast can be
offered depending on
switching frequency.
Block commutation
PWM inverters
DC/0Hz
4kHz
30kHz
RC-D
RC-DF


Similar Part No. - IKU15N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKU15N60R INFINEON-IKU15N60R Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
More results

Similar Description - IKU15N60R

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
   Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
logo
PHOENIX CONTACT
5900230 PHOENIX-5900230 Datasheet
50Kb / 2P
   RC module - RC/RK 0,22UF/47
11/05/2018
logo
TRIAD MAGNETICS
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
   RC-7
RC-6 TRIAD-RC-6 Datasheet
124Kb / 1P
   RC-6
logo
PHOENIX CONTACT
1603893 PHOENIX-1603893 Datasheet
46Kb / 1P
   RC-E0034
1598510 PHOENIX-1598510 Datasheet
56Kb / 2P
   RC-12S1N121L00
1597932 PHOENIX-1597932 Datasheet
57Kb / 3P
   RC-12P2N127K00
1592756 PHOENIX-1592756 Datasheet
50Kb / 2P
   RC-000000090J0
12/06/2018
1595045 PHOENIX-1595045 Datasheet
43Kb / 1P
   RC-09P1N1280LA
SF-Z0053 PHOENIX-SF-Z0053 Datasheet
49Kb / 1P
   Locator for RC-Z2514 and RC-Z2504 manual crimping pliers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com