Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ4C3X7R1E105J Datasheet(PDF) 3 Page - TDK Electronics

Part # CGJ4C3X7R1E105J
Description  CGJ series l High Reliability Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ4C3X7R1E105J Datasheet(HTML) 3 Page - TDK Electronics

  CGJ4C3X7R1E105J Datasheet HTML 1Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 2Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 3Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 4Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 5Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 6Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 7Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 8Page - TDK Electronics CGJ4C3X7R1E105J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TDK
• 3
TDK MLCC Presentation
C
General Applications
• Wide range of case size and superior dimension precision
• Available in EIA class 1 and 2 dielectrics up to 50V
• 01005 ~ 2220 / C0G, SL, X5R, X6S, X7R, X7S, Y5V
• 4V ~ 50V / up to 100 µF
Mid Voltage
• Unique design allows for higher voltage in smaller case size
• Available in 100V, 250V, 450V, and 630V
• 0402 ~ 2220 / C0G, X6S, X7R, X7S, X7T
• 100V ~ 630V / up to 15 µF
High Voltage
• Advance design provides improved withstanding voltage
• Available rating up to 3000V
• 1808 ~ 1812 / C0G, X7R, X7S
• 1000V ~ 3000V / up to 10 nF
High Temperature
• Stable temperature characteristics up to 150ºC
• Highly precise temperature performance ( 7.5%) up to 125º C
• 0402 ~ 1210 / X8R
• 16V ~ 100V / up to 10 µF
High Q
• Design with higher Q factor than standard capacitors
• Excellent attenuation and high self resonance frequency (SRF)
• 0201 / C0G
• 25V / up to 20 pF
Flip Type
• Flipped geometry provides lower inductance than standard capacitor
• Special design allows for adequate high frequency current to IC
• 0204 ~ 0612 / X5R, X6S, X7R, X7S
• 4V ~ 50V / up to 10 µF
Open Mode
• Unique design allows for increase resistance to mechanical bending
• Improved performance in vibration and electrical stresses
• 0805 ~ 2220 / X7R, X8R
• 16V ~ 630V / up to 22 µF
Soft Termination
• Improved bending resistance and temperature cycle performance
• Termination technology available for most case sizes including arrays
• 0805 ~ 3025 / X7R, X7S, X7T
• 16V ~ 630V / up to 100 µF
Conductive Epoxy
• AgPdCu termination for conductive glue mounting
• Improved mechanical/thermal strength when used with conductive glue
• 0402 ~ 1210 / C0G, X7R, X8R
• 25V ~ 100V / up to 10 µF
CER
Controlled ESR
• Unique design allows for specified “controlled” ESR
• Same no-hassle mounting method as standard 2-terminal components
• ESR is controlled without affecting the ESL
• 0603 ~ 0805 / X5R
• 4V ~ 10V / up to 10 µF
CEU
Serial Design
• 2 series-connected capacitors in one body
• Improved bending resistance and temperature cycle performance
• Ultra high reliability design for automotive battery line applications
• 0603 ~ 0805 / X7R
• 50V / up to 100 nF
CGA
Automotive
Applications
• Qualified to CDF AEC Q-200 automotive testing standard
• Manufactured using matured process for guaranteed performance
• Available in C0G, X7R and X8R temperature characteristics
• 0402 ~ 2220 / C0G, X5R, X7R, X7S, X7T, X8R
• 6.3V ~ 630V / up to 47 µF
CGJ
High Reliability
Applications
• Extensive testing to ensure higher reliability and longer life
• Reliability tests based on MIL-STD requirements
• Guaranteed TC Bias and Hot IR performance
• 0402 ~ 1206 / C0G, X7R
• 6.3V ~ 50V / up to 10 µF
CKC
2-in-1 Array
4-in-1 Array
• Allows for reduction of PCB space and mounting time
• Unique electrode design reduces crosstalk
• Also available in soft termination for higher reliability performance
• CKCN27 ~ CKCA43 / C0G, X5R, X7R
• 6.3V ~ 50V / up to 2.2 µF
CKD
Feed Through
• Optimized for noise bypass with signal and power source circuits
• Can be used for meeting EMC requirements
• Ideal for use at higher frequencies due to low parasitic inductance
• 0402 ~ 1206 / up to 125ºC temperature range
• 6.3V ~ 50V / up to 22 µF
CKG
Mega Cap
• Advance design for twice the capacitance on single footprint
• Improved vibration and thermal/mechanical stress performance
• Lower ESR and ESL than ALU and TA capacitor
• CKGxxK ~ CKGxxN / X5R, X7R, X7S, X7T
• 16V ~ 630V / up to 100 µF
CLL
Ultra Low
Inductance
• Unique internal structure allows cancelation of magnetic fields to reduce
equivalent series inductance
• Eight sided terminal electrode design in one capacitor
• 0603 ~ 0805 / X7R, X7S
• 4V ~ 10V / up to 4.7 µF


Similar Part No. - CGJ4C3X7R1E105J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ4C3C0G2D821J060AA TDK-CGJ4C3C0G2D821J060AA Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ4C3C0G2D821J060AA TDK-CGJ4C3C0G2D821J060AA_17 Datasheet
188Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ4C3X7R1E105J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
J5L2X7R1A106K160AA TDK-J5L2X7R1A106K160AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
CGHJ5L2X7R1A106KTXXXX TDK-CGHJ5L2X7R1A106KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
TRIAD MAGNETICS
SP-5 TRIAD-SP-5 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-20 TRIAD-SP-20 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-29 TRIAD-SP-29 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-48 TRIAD-SP-48_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-67 TRIAD-SP-67_13 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-22 TRIAD-SP-22 Datasheet
160Kb / 1P
   High Reliability : Red Spec Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com