Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3027R Datasheet(PDF) 73 Page - Sony Corporation

Part # CXD3027R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3027R Datasheet(HTML) 73 Page - Sony Corporation

Back Button CXD3027R Datasheet HTML 69Page - Sony Corporation CXD3027R Datasheet HTML 70Page - Sony Corporation CXD3027R Datasheet HTML 71Page - Sony Corporation CXD3027R Datasheet HTML 72Page - Sony Corporation CXD3027R Datasheet HTML 73Page - Sony Corporation CXD3027R Datasheet HTML 74Page - Sony Corporation CXD3027R Datasheet HTML 75Page - Sony Corporation CXD3027R Datasheet HTML 76Page - Sony Corporation CXD3027R Datasheet HTML 77Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 191 page
background image
– 73 –
CXD3027R
Command bit
Processing
VPCTL1 to VPCTL0,
VP7 to VP0
Sets the pitch for variable pitch mode.
The settings in variable pitch mode are as follows.
The pitch setting can be expressed with the following equation.
P =
[%]
–n
10
P: Pitch setting value
n: VPCTL1 and VPCTL0, VP7 to VP0 setting value (two's complement,
VPCTL1 = sign bit)
The pitch setting range is from –48.7 to +51.2%.
The plus pitch setting should not exceed the playback speed given in the Recommended Operating Conditions.
An example of variable pitch mode commands is shown below.
$EX001 (Sets INV VPCO = 1.)
$AE4
(Setting to enable variable pitch mode.)
$AEC
(Turns on variable pitch mode. The internal clock uses the VCO2 reference.)
$D60A00 (Sets the pitch to –1.0%.)
$D60000 (Sets the pitch to 0.0%.)
$AE4
(Turns off variable pitch mode. The internal clock uses the crystal reference.)
VPCTL1
1
1
0
0
VPCTL0
0
1
0
1
VP7 to 0
00 (H)
:
FF (H)
00 (H)
:
FF (H)
00 (H)
:
FF (H)
00 (H)
:
E7 (H)
Pitch setting value [%]
+51.2
to
+25.7
+25.6
to
+0.1
0.0
to
–25.5
–25.6
to
–48.7
Command setting example
$D60080
:
$D6FF80
$D600C0
:
$D6FFC0
$D60000
:
$D6FF00
$D60040
:
$D6E740
Command bit


Similar Part No. - CXD3027R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Similar Description - CXD3027R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com