Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AST20S Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AST20S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 900 MHz
18
dB
Noise Figure
NF
F = 900 MHz
0.6
dB
Input Return Loss
RLin
F = 900 MHz
-13
dB
Output Return Loss
RLout
F = 900 MHz
-15
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 900 MHz
17
dBm
3
rd Intercept Point
Output Power
1)
OIP3
F = 900 MHz
30
dBm
Circuit Current
Icc
F = 900 MHz
Non-RF
48
mA
Schematic
S-parameters & Noise Figure
APPLICATION CIRCUIT
900 MHz
+5 V
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.0 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=100 pF
C3=100 pF RF OUT
AST20S
C2=10 nF
RF IN
L2=47 nH
R4=130
W
*P1
R1=750
W
C6=1 uF
*P1
VDD
R2=5.1 k
W
L1=12 nH
C4=1 nF
R3=39
W
C5=10 nF
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Bottom
Top


Similar Part No. - AST20S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST20S ASB-AST20S Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
More results

Similar Description - AST20S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
logo
STMicroelectronics
SMA428A STMICROELECTRONICS-SMA428A Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
   High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
   High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
   High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
   High Gain, Low Noise Amplifier
June 2014
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
   High Gain, Low Noise Amplifier
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com