Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39500CM18 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39500CM18
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39500CM18 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39500CM18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS39500/1/2
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/12
Version: B07
Electrical Characteristics (Continue)
Flag Output (TS39501)
Output Leakage Current
VOH=16V
--
--
2
uA
Output Low Voltage (Note 9)
VIN=0.9 * VOUT, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of VOUT
--
--
99
%
Lower Threshold Voltage
% of VOUT
93
--
--
%
Hysteresis
--
1
--
%
Thermal Performance
Condition
Package type
Typ
Unit
TO-220 / TO-220-5L
80
Thermal Resistance
Junction to Case
TO-263 / TO-263-5L
80
oC/W
Note 1. Exceeding the absolute maximum ratings may be damaged the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) - Ta) + ӨJA, where ӨJA depends upon the printed circuit layout. See ”Applications Information”.
Note 5. Output voltage temperature coefficient is ΔVOUT (worst case)+(TJ(max) – TJ(MIN)) where TJ(max) is +125
oC and TJMIN) is
-40
oC.
Note 6. VDROP = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1. For output
voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage
being 2.5V. Minimum input operating voltage is 2.5V
Note 7. IGND is the quiescent current. IIN = IGND + IOUT
Note 8. VEN <0.8V, VIN <8V and VOUT =0
Note 9. For 1.8V device, VIN = 2.25V (device is in dropout)
Pin Description
Pin Configuration
Pin Description
Enable
TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown
Input
Unregulated input: +16V maximum supply
Ground
Ground: Ground pin and TAB / heat sink are internally connected.
Output
Regulator output
Flag (fixed voltage)
Error Flag (output): Open-collector output. Active low indicates an output fault condition,
if no used, leave open.
Feed Back (adjustable)
Adjustment input: Feedback input. Connect to resistive voltage-divider network.


Similar Part No. - TS39500CM18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39500CM TSC-TS39500CM Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
TS39500CM25 TSC-TS39500CM25 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CM33 TSC-TS39500CM33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CM50 TSC-TS39500CM50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CMRN TSC-TS39500CMRN Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39500CM18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150 TSC-TS39150_08 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com