Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD3000R Datasheet(PDF) 3 Page - Sony Corporation

Part # CXD3000R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3000R Datasheet(HTML) 3 Page - Sony Corporation

  CXD3000R Datasheet HTML 1Page - Sony Corporation CXD3000R Datasheet HTML 2Page - Sony Corporation CXD3000R Datasheet HTML 3Page - Sony Corporation CXD3000R Datasheet HTML 4Page - Sony Corporation CXD3000R Datasheet HTML 5Page - Sony Corporation CXD3000R Datasheet HTML 6Page - Sony Corporation CXD3000R Datasheet HTML 7Page - Sony Corporation CXD3000R Datasheet HTML 8Page - Sony Corporation CXD3000R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 129 page
background image
– 3 –
CXD3000R
Block Diagram
Error
corrector
Noise
Shaper
Peak
detector
OpAmp
AnaSw
A/D
CONVERTER
32K RAM
Digital PLL
Vari-Pitch
double speed
MUX
CLV
processor
18-times
oversampling
filter
MIRR
Servo
Interface
PWM GENERATOR
FOCUS PWM
GENERATOR
TRACKING PWM
GENERATOR
SLED PWM
GENERATOR
Clock
Generator
Subcode
P to W
processor
Timing
Generator1
Subcode Q
processor
Servo
auto
sequencer
CPU interface
4fs Digital Filter
+
1 bit DAC
EFM
Demodulator
Sync
protector
Priority
encoder
D/A data
processor
Digital out
Address
generator
Timing
Generator 2
SERVO DSP
FOCUS SERVO
TRACKING SERVO
SLED SERVO
8
DFCT
FOK
AO1R
AO2F
SFDR
SRDR
TFDR
TRDR
FFDR
FRDR
SENS
PSSL
DA01
to DA16
MUTE
COUT
MIRR
DFCT
FOK
DATA
CLOK
XLAT
DOUT
MD2
AO1F
AO2R
DAC Block
Signal Processor Block
Servo Block
49 to 44,
42 to 31,
29, 27
MCKO
V16M
FSTO
C4M
C16M
VCTL
PDO
VCOI
VCOO
PCO
FILI
FILO
CLTV
RFAC
ASYI
ASYO
ASYE
WFCK
SCOR
MON
FSW
MDP
MDS
EXCK
SBSO
SQCK
SQSO
RFDC
TE
SE
FE
VC
CE
PWMI
VCKI
101
103
104
105
106
112
113
114
115
116
120
121
122
123
124
125
128
129
130 131 132
133
134
135
136
138
139
140
141
142
3
4
5
6
7
8
9
10
11
12
13
14
16
17
18
20
21
22
23
26
28 30
51
52
55
56
57
59
60
70
69
67
63
64
65
66
61
62
82
83
75
77
78
87
86
79
100
99
95
91
92
OSC


Similar Part No. - CXD3000R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3003 SONY-CXD3003 Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
More results

Similar Description - CXD3000R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com