Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2930BR Datasheet(PDF) 2 Page - Sony Corporation

Part # CXD2930BR
Description  GPS LSI with Built-in 32-bit RISC CPU
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2930BR Datasheet(HTML) 2 Page - Sony Corporation

  CXD2930BR Datasheet HTML 1Page - Sony Corporation CXD2930BR Datasheet HTML 2Page - Sony Corporation CXD2930BR Datasheet HTML 3Page - Sony Corporation CXD2930BR Datasheet HTML 4Page - Sony Corporation CXD2930BR Datasheet HTML 5Page - Sony Corporation CXD2930BR Datasheet HTML 6Page - Sony Corporation CXD2930BR Datasheet HTML 7Page - Sony Corporation CXD2930BR Datasheet HTML 8Page - Sony Corporation CXD2930BR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
– 2 –
CXD2930BR
Performance
• Reception frequency
1575.42MHz (L1 band, CA code)
• Reception sensitivity (using the CXA1951AQ in the RF block)
–130dBm or less
• Time to first fix∗ (time until initial measurement after power-on)
Cold start (without ephemeris and almanac)
35 to 60s
Warm start (without ephemeris with almanac)
34 to 50s
Hot start (with ephemeris and almanac)
6 to 20s
Reacquisition time (interrupt recovery time)
Less than 5 minutes: < 3 to 6s
5 minutes or more: < 6 to 10s
• Positioning accuracy
Stand alone (GPS unit only)
1
σ : < 30m
3
σ : < 90m
DGPS (differential GPS)
1
σ : < 6m
3
σ : < 18m
• Measurement data update time
Every 1s
• Communication method
Sony standard serial communication
Supports NMEA
∗ The noted values may be exceeded depending on the operating environment and other conditions.
The above performance values are as of February 1998. Sony reserves the right to change performance
without prior notice. Accordingly, the above performance values should be used only as reference data.
0V
CXA1951AQ
RF Converter
CXD2930BR
16ch GPS Processor
Flash ROM
2M bit
Antenna
GPS Receiver System Diagram Using the CXD2930BR
0V
TCXO
IF
TXD
RXD


Similar Part No. - CXD2930BR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2931GA-9 SONY-CXD2931GA-9 Datasheet
265Kb / 27P
   1 chip GPS LSI
CXD2931R SONY-CXD2931R Datasheet
220Kb / 23P
   1 chip GPS LSI
CXD2931R-9 SONY-CXD2931R-9 Datasheet
265Kb / 27P
   1 chip GPS LSI
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
More results

Similar Description - CXD2930BR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
   32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
   32 bit RISC
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
   MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Panasonic Semiconductor
MN6155 PANASONIC-MN6155 Datasheet
54Kb / 9P
   PLL LSI with Built-In Prescaler
logo
OKI electronic componet...
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
   Playback LSI with Built-in FIFO
logo
Panasonic Semiconductor
MN6152U PANASONIC-MN6152U Datasheet
45Kb / 8P
   PLL LSI with Built-In Prescaler
MN6153UC PANASONIC-MN6153UC Datasheet
52Kb / 9P
   PLL LSI with Built-In Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com