Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL20G Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Medium Gain, Low Noise GPS Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL20G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2012
ASL20G
Medium Gain, Low Noise GPS Amplifier
1000
1250
1500
1750
2000
0
5
10
15
20
25
Frequency (MHz)
1000
1250
1500
1750
2000
-20
-15
-10
-5
0
Frequency (MHz)
1000
1250
1500
1750
2000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency [MHz]
RF IN
RF OUT
L1=7.5 nH
ASL20G
VCTL
Hi: ON
Low: OFF (Power Save)
L2=9.1 nH
C1=0.5 pF
C2=0.1 mF
Vsupply
1
2
3
4
5
6
NC
*P1
Frequency (MHz)
1575
Magnitude S21 (dB)
21
Magnitude S11 (dB)
-10
Magnitude S22 (dB)
-14
Noise Figure (dB)
0.65
Input IP3 (dBm)
-22
Output P1dB( dBm)
-6
Supply Current (mA)
6.0
Supply Voltage (V)
1.8
Control Current (mA)
300
Control Voltage VCTL (V)
1.8
2) IIP3 is measured with two tones at an input power of -40 dBm/tone
separated by 1MHz.
APPLICATION CIRCUIT
GPS
1575 MHz
+1.8 V / 6mA
Schematic
S-parameters & K-factor
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 1 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Board Layout (FR4, 20x20 mm
2, 0.8T)


Similar Part No. - ASL20G

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
More results

Similar Description - ASL20G

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21X ASB-ASL21X Datasheet
1Mb / 14P
   Medium Gain, Low Noise GPS Amplifier
July 2012
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com