Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD2728Q Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXD2728Q
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2728Q Datasheet(HTML) 1 Page - Sony Corporation

  CXD2728Q Datasheet HTML 1Page - Sony Corporation CXD2728Q Datasheet HTML 2Page - Sony Corporation CXD2728Q Datasheet HTML 3Page - Sony Corporation CXD2728Q Datasheet HTML 4Page - Sony Corporation CXD2728Q Datasheet HTML 5Page - Sony Corporation CXD2728Q Datasheet HTML 6Page - Sony Corporation CXD2728Q Datasheet HTML 7Page - Sony Corporation CXD2728Q Datasheet HTML 8Page - Sony Corporation CXD2728Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Single-Chip Dolby Pro Logic Surround Decoder
Description
The CXD2728Q is a CMOS LSI developed for
Dolby Pro Logic Surround. A SRAM for short delay
and AD/DA converters are built in, and all functions
necessary for Dolby Pro Logic Surround such as an
adaptive
matrix,
a
passive
decoder
including
Modified Dolby B-type NR, auto input balance, a
noise sequencer and center channel mode control
are contained on a single chip. Further, this LSI also
supports Dolby 3 Stereo and Virtual Dolby Surround.
Features
• Dolby Pro Logic Surround decoding with a single
chip
• 2-channel 1-bit AD converter and decimation filter
• 4-channel 1-bit DA converter and oversampling filter
• 32K-bit SRAM for short delay
• No separation or other variance for digital
processing
• External parts reduced due to the built-in AD/DA
converters
Functions
• Adaptive matrix
• Center channel mode control
(Normal/Phantom/Wide)
• Dolby 3 Stereo
• Auto input balance control (ON/OFF)
• Noise sequencer
• Variable delay time (0 to 46.4ms)
• 7kHz low-pass filter (12dB/Oct)
• Modified Dolby B-type NR
• Simple SFC function
• Virtual Dolby Surround
• SFC mode
Absolute Maximum Ratings (Ta = 25°C, VSS = 0V)
• Supply voltage VDD
VSS – 0.5 to +4.6
V
AVDD 1 AVss – 0.5 to + 4.6
V
• Input voltage
VID
VSS – 0.5 to VDD + 0.5
V
2 Vss – 0.5 to 5 to Min (V
DD
+ 4.6, 7.0) V
VIA 3 AVss – 0.5 to AVD + 0.5
V
• Output voltage VOD
VSS – 0.5 to VDD + 0.5
V
4 Vss – 0.5 to Min (V
DD
+ 4.6, 7.0)
V
VOA 3 AVss – 0.5 to AVDD + 0.5
V
• Storage temperature
Tstg
–55 to +150
°C
1 Analog power supply including AVDX
2 Pins 28, 31, 32 and 76
3 Analog input/output pin
4 Pin 29
Recommended Operating Conditions
• Supply voltage VDD
3.0 to 3.6 (3.3 typ.)
V
AVDD
3.1 to 3.5 (3.3 typ.)
V
Note) Use this IC under the following condition
during the normal operation except for the
power on.
• Supply voltage difference VDD
≤ AVDD + 0.3
V
VSS
≤ AVSS – 0.3
V
• Operating temperature
Ta
–20 to +75
°C
Input/Output Capacitance (VDD = VI = 0V, f = 1MHz)
• Input capacitance CIN
9 (max.)
pF
• Output capacitance COUT
11 (max.)
pF
• Input/output capacitance
CI/O
11 (max.)
pF
Maximum Current Consumption
(Ta = 25°C, VDD = 3.6V)
• Digital/analog block total: 75.8mA
Dolby level
• During analog input: 200 to 300mVrms
• During digital input: –20dBFS
Analog Characteristics
Conditions: Pro Logic ON
Measurement at Dolby level = 300mVrms
• S/N: L, Rch = 72dB, C, Sch = 70dB
• THD + N: L, Rch = 0.03%, C, Sch = 0.03%
∗ All values typ.
Structure
Silicon gate CMOS
Applications
Equipment having Dolby Pro Logic Surround
function such as AV amplifiers, receivers and
compact music systems
– 1 –
E98Z02-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXD2728Q
80 pin QFP (Plastic)
This device is available only to parties obtaining the license from Dolby Laboratories Licensing Corporation.
"Dolby", the double-D symbol
and "Pro Logic" are trademarks of Dolby Laboratories Licensing Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn