Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 39 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 39 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 35Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 36Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 37Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 38Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 39Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 40Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 41Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 42Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 43Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
– 39 –
CXD2724AQ-3
(7)-2. Delay Line Settings
[Relevant data] Coefficients: KDin (19H), TP1 (1aH), TP2 (1bH), TP3 (1cH), TP4 (1dH), TP5 (1eH),
TP6 (1fH), KDout (20H)
The Pro Logic mode delay lines are used for both the passive decoder short delay and the simple SFC
reverberation, and are thus subject to the following restrictions:
• Dly + 0020H
≤ KDin (0020H ≤ Dly ≤ KDin – 0020H)
• 0020H
≤ TP∗ ≤ KDout
• KDin + KDout
≤ bfe0H
Dly (fbH): Pro Logic delay line read address
KDin (19H): Simple SFC delay line write address
TP1 to TP6 (1aH to 1fH): Simple SFC tap read addresses (determine the delay time for each tap)
KDout (20H): Simple SFC feedback loop read address (determines the maximum delay time)
Note) The minimum unit for all the above coefficients is "0020H". Values smaller than this are ignored.
0020H
0040H
·
·
1a60H
·
35f0H
·
5180H
·
6d10H
·
·
bf80H
bfa0H
Setting value
KDout, TP1 to TP6
0.022ms
0.045ms
·
·
4.784ms
·
9.784ms
·
14.784ms
·
19.784ms
·
·
34.739ms
34.762ms
Delay
(fs = 44.1kHz)
The TP1 to TP6 and KDout addresses are specified in a different
manner than Dly and KDin. These addresses are specified by the
address value assuming KDin as the reference (= 0000H).
That is to say, the actual address is KDin + KDout, etc.
The coefficient values are calculated as follows.
(Dly) Decimal = (Delay [s])
× fs [Hz] × 32
Example) When using 20ms for the passive decoder, and all
remaining delay lines as reverberation
20ms
→ Dly = 6e40H
KDin = 6e40H + 0020H = 6e60H
KDout = bfe0H – 6e60H = 5180H
0020H
≤ TP1 to 6 ≤ 5180H
Table 8-1-15. Simple SFC Delay Time Setting
Value Examples
0000H
20.0ms
14.8ms
6e40H
6e60H
5180H
Passive decoder
Simple SFC
Dly
KDin
KDout
34.8ms (0000H to bfe0H)
Fig. 8-1-5. Pro Logic Mode Delay Line Setting Example


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com