Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 18 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 18 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 14Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 15Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 16Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 17Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 18Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 19Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 20Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 21Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 22Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
– 18 –
CXD2724AQ-3
(3) Data Structure
The data structure is classified into three types, as shown in the table below. All data communication is done
with LSB first.
Coefficient RAM and setup register are both 16 bits
Symbol
A0 to A7
M0 to M7
D0 to D15/SQ00 to SQ15
Bit length
Remarks
8
8
16
Contents
Address section
Transfer mode section
Data section
Table 5-2. Data Structure
(3)-1. Transfer Mode Section
The transfer mode section is 8 bits and has the following functions.
Normally fixed to "0"
SU1
SU0
0
0
Field A
0
1
Field B
1
0
Field C
1
1
Field D
VS1
VS0
0
0
Setup register
1
0
Coefficient RAM
Normally fixed to "0"
Bit
M7
M6
M5
M4
M3
M2
M1
M0
Symbol
Function
SU1
SU0
VS1
VS0
Reserve
Setup Reg.
type
Data type
Reserve
Table 5-3. Transfer Mode Section
(3)-2. Address Section
The coefficient RAM has a 256-word structure, so the address section is 8 bits. The setup register has a 4-
word structure and the field (address) is specified by the mode section, so the address section data may be
optional.
(3)-3. Data Section
The coefficient RAM and setup register both have a 16-bit structure, so 16 SCK are required.


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com