Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-1 Datasheet(PDF) 61 Page - Sony Corporation

Part # CXD2724AQ-1
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-1 Datasheet(HTML) 61 Page - Sony Corporation

Back Button CXD2724AQ-1 Datasheet HTML 57Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 58Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 59Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 60Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 61Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 62Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 63Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 64Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 65Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
– 61 –
CXD2724AQ-1
8-6. Bypass Mode
In this mode, the DSP is bypassed. The ADC and DAC are not used and both the L and R channels are in
analog-to-analog through status.
(1) Setting Bypass Mode
Set the uppermost bit (SQA15) of setup register Field A to "1".
The other setup data and coefficient data is "Don't care".
MUX &
LPF
LPF
LIN
LOUT
MUX &
LPF
LPF
RIN
ROUT
Fig. 8-6-1. Bypass Mode
In bypass mode, the output after ADC prefilter and the output after DAC postfilter are swtiched by the analog
switch. The popping noise occurs at switching due to the difference of these filter's reference voltages
(500mV). Therefore, the countermeasure against the noise, such as the system muting, is required when using
this mode.


Similar Part No. - CXD2724AQ-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com