Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD2724AQ-1 Datasheet(PDF) 54 Page - Sony Corporation

Part No. CXD2724AQ-1
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-1 Datasheet(HTML) 54 Page - Sony Corporation

Back Button CXD2724AQ-1 Datasheet HTML 50Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 51Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 52Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 53Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 54Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 55Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 56Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 57Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 58Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
– 54 –
CXD2724AQ-1
(4) Compressor
[Relevant data] Coefficients: k (02H), XthP (03H), XthM (04H), Ksd (05H), Ap (06H), Am (07H), Bp (08H),
Bm (09H), Cp (0aH), Cm (0bH)
The parameter table is shown in Table 8-5-7, and the I/O characteristics in Fig. 8-5-2.
Compressor ON: Ksd (05H) = 8000H
Compressor OFF: Ksd (05H) = 0000H
Comp_5
Comp_4
Comp_3
Comp_2
Comp_1
Threshold
XthP
Gain
k
Coefficient
Ap
Am
Bp
Bm
Cp
Cm
XthM
∞ [dB]
6.0 [dB]
0
0000
0
0000
2.0
4000
–20 [dB]
5.2 [dB]
–1/10
F334
1/10
0CCC
20/11
3A2E
–17 [dB]
4.4 [dB]
–1/7
EDB7
1/7
1249
5/3
3555
–14 [dB]
2.9 [dB]
–1/5
E667
1/5
1999
7/5
2CCC
–9.5 [dB]
1.6 [dB]
–1/3
D556
1/3
2AAA
6/5
2666
–1.0
E000
–100/99
DFAE
–49/54
E2F7
–5/8
EC00
–9/20
F19A
1.0
2000
100/99
2052
49/54
1D09
5/8
1400
9/20
0E66
2.0
4000
200/99
40A5
52/27
3DA1
33/20
34CC
3/2
3000
2.0
4000
200/99
40A5
52/27
3DA1
33/20
34CC
3/2
3000
0
0000
–1/99
FEB6
–1/54
FDA2
–1/40
FCCD
–1/20
F99A
0
0000
1/99
014A
1/54
025E
1/40
0333
1/99
0666
Table 8-5-7. Compressor Parameter Table


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn