![]() |
Electronic Components Datasheet Search |
|
CXD2720Q-2 Datasheet(PDF) 9 Page - Sony Corporation |
|
CXD2720Q-2 Datasheet(HTML) 9 Page - Sony Corporation |
9 / 47 page ![]() – 9 – CXD2720Q-2 Analog Characteristics (AVD0 to 5 = VDD0 to 3 = XVDD = 5.0V, AVS0 to 5 = VSS0 to 7 = XVSS = 0.0V, Ta = 25°C, DSP: each function = OFF, gain = 1) [1] ADC + DAC connection total characteristics The measurement circuit in Figure 1-1 is used. Unless otherwise indicated, the measurement conditions are as given below. • Input signal ...1.0Vrms, 1kHz • fs....................44.1kHz • Rin .................0 Ω Item S/N ratio THD + N Dynamic range Channel separation Level difference between channels Analog full-scale input level∗1 ADC input impedance Analog current consumption 1.0Vrms, EIAJ (with “A” weighting filter) 1.0Vrms, EIAJ 0.5Vrms, EIAJ EIAJ Only ADC characteristics using DAC1, EIAJ Only ADC characteristics using DAC1 Rin = 0 Ω Rin = 22k Ω 80 88 0.016 0.012 92 108 0.05 1.26 2.06 34.6 21 0.03 Measurement conditions Min. Typ. Max. ∗1 Analog input level which outputs digital full scale. An optional analog input signal level Vin (Vrms) of 1.26Vrms or more can be set in digital full scale by the measurement circuit external resistor Rin. The calculation formula for external resistor Rin is: Rin = 27.5 × Vin – 34.6 [kΩ]......(1) However, THD + N characteristics deteriorate for full-scale output as shown in Graph 1, so use of up to 80% (when Rin = 0 Ω, 0.8 × 1.26 (Vrms) = 1.0 (Vrms) → “analog full scale”) of the analog signal level is recommended for digital full-scale output. In this case, the Rin calculation formula is the same as formula (1), except that Vin becomes 1.25 × Vin. Note that this change causes the output level after ADC + DAC to change. Most of the above specifications are measurement values for analog full scale. Unit dB % dB dB dB Vrms k Ω mA |
Similar Part No. - CXD2720Q-2 |
|
Similar Description - CXD2720Q-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |