Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD2719Q Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXD2719Q
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2719Q Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2719Q Datasheet HTML 2Page - Sony Corporation CXD2719Q Datasheet HTML 3Page - Sony Corporation CXD2719Q Datasheet HTML 4Page - Sony Corporation CXD2719Q Datasheet HTML 5Page - Sony Corporation CXD2719Q Datasheet HTML 6Page - Sony Corporation CXD2719Q Datasheet HTML 7Page - Sony Corporation CXD2719Q Datasheet HTML 8Page - Sony Corporation CXD2719Q Datasheet HTML 9Page - Sony Corporation CXD2719Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
– 6 –
CXD2719Q
AC Characteristics
(AVD1 to 6 = AVDX = VDD0 to 2 = 5V ± 5%, AVS1 to 6 = AVDX = VSS0 to 7 = 0V, Ta = –20 to +70°C)
Input Timing from Power-on to Input Pin
•••••
VDD
XTLI
XRST
Input pins
0.7VDD
0.3VDD
1/fs or more
1/fs or more
Determined by the crystal and other external circuit conditions
Stable (clock applied correctly)
0.8VDD
0.2VDD
0.95VDD
First input
BCK
SI
LRCK
tHLR
tSLR
0.7VDD
0.3VDD
0.7VDD
0.3VDD
tSSI
tHSI
0.7VDD
0.3VDD
BCK
LRCK
tDLR
Serial Audio Interface Timing
[Slave mode]
[Master mode]
Item
SI setup time
SI hold time
LRCK setup time
LRCK hold time
LRCK delay time
Symbol
tSSI
tHSI
tSLR
tHLR
tDLR
Conditions
Slave mode
Slave mode
Slave mode
Slave mode
Master mode, CL = 120pF
Min.
20
40
20
40
Max.
50
Unit
ns
ns
ns
ns
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn