Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD2719Q Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXD2719Q
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2719Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2719Q Datasheet HTML 1Page - Sony Corporation CXD2719Q Datasheet HTML 2Page - Sony Corporation CXD2719Q Datasheet HTML 3Page - Sony Corporation CXD2719Q Datasheet HTML 4Page - Sony Corporation CXD2719Q Datasheet HTML 5Page - Sony Corporation CXD2719Q Datasheet HTML 6Page - Sony Corporation CXD2719Q Datasheet HTML 7Page - Sony Corporation CXD2719Q Datasheet HTML 8Page - Sony Corporation CXD2719Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
– 5 –
CXD2719Q
DC Characteristics
(AVD1 to 6 = AVDX = VDD0 to 2 = 5V ± 5%, AVS1 to 6 = AVSX = VSS0 to 7 = 0V, Ta = –20 to +70°C)
Item
Symbol
Conditions
Min.
Max.
Unit
Applicable pins
Typ.
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
1, ∗2, ∗7
1, ∗2, ∗7
5
5
3, ∗6
3, ∗6
4
8, ∗9
8, ∗9, ∗10
11
11
1, ∗5, ∗7
2, ∗3, ∗6
9, ∗10
Resistance between ∗7 and ∗11
High level
Low level
High level
Low level
High level
Low level
High level
Low level
High level
Low level
Input voltage
(1)
Input voltage
(2)
Input voltage
(3)
Input voltage (4)
Output voltage
(1)
Output voltage
(2)
Input leak current (1)
Input leak current (2)
Output leak current
Feedback resistance
VIH
VIL
VIH
VIL
VIH
VIL
VIN
VOH
VOL
VOH
VOL
II
II
IOZ
RFB
CMOS input
Schmitt input
TTL input
Analog input
IOH = –2.0mA
IOL = 4.0mA
IOH = –12.0mA
IOL = 12.0mA
VIH = VDD, VSS
VIH = VDD, VSS
VIH = VDD, VSS
0.7VDD
0.8VDD
2.2
VSS
VDD – 0.8
VDD/2
–10
–40
–40
250k
1M
0.3VDD
0.2VDD
0.8
VDD
0.4
VDD/2
10
40
40
2.5M
1 CSL2, CSL1, TST0 to TST4, XMST
2 XLAT, RVDT, XS24, SCK
3 SI
4 LIN, RIN
5 XRST
6 During input to bidirectional pins BCK, LRCK
7 XTLI
8 During output from bidirectional pins BCK, LRCK
9 BFOT
10 REDY
11 XTLO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn